Electronic Components Datasheet Search
  English  ▼

X  

LT1817 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1817
Description  Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1817 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1817 Datasheet HTML 5Page - Linear Technology LT1817 Datasheet HTML 6Page - Linear Technology LT1817 Datasheet HTML 7Page - Linear Technology LT1817 Datasheet HTML 8Page - Linear Technology LT1817 Datasheet HTML 9Page - Linear Technology LT1817 Datasheet HTML 10Page - Linear Technology LT1817 Datasheet HTML 11Page - Linear Technology LT1817 Datasheet HTML 12Page - Linear Technology LT1817 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT1815
LT1816/LT1817
181567fa
Gain Bandwidth and Phase Margin
vs Temperature
Gain and Phase vs Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
–25
180
240
0
50
75
181567 G15
36
40
38
220
200
25
100
125
GBW
VS = ± 5V
GBW
VS = ±2.5V
PHASE MARGIN
VS = ±2.5V
PHASE MARGIN
VS = ±5V
RL = 500Ω
Gain vs Frequency, AV = 1
Gain vs Frequency, AV = 2
Gain vs Frequency, AV = – 1
Gain Bandwidth and Phase Margin
vs Supply Voltage
SUPPLY VOLTAGE (
±V)
0
3
181567 G19
160
45
40
35
12
4
240
200
220
180
567
TA = 25°C
GBW
RL = 500Ω
GBW
RL = 100Ω
PHASE MARGIN
RL = 100Ω
PHASE MARGIN
RL = 500Ω
FREQUENCY (Hz)
1k
10k
100k
40
60
80
1M
10M
100M
181567 G20
20
0
100
–PSRR
+PSRR
TA = 25°C
AV = 1
VS = ±5V
FREQUENCY (Hz)
1k
10k
100k
40
60
80
1M
10M
100M
181567 G21
20
0
100
TA = 25°C
VS = ±5V
Power Supply Rejection Ratio
vs Frequency
Common Mode Rejection Ratio
vs Frequency
FREQUENCY (Hz)
10k
20
30
40
50
60
100k
1M
500M
100M
10M
181567 G13
10
0
–10
–20
70
80
60
80
100
120
140
40
20
0
–20
160
180
TA = 25°C
AV = –1
RF = RG = 500Ω
±2.5V
±2.5V
±5V
±5V
GAIN
PHASE
FREQUENCY (Hz)
1M
–5
0
10M
100M
500M
181567 G16
–10
5
TA = 25°C
AV = 1
VS = ±5V
RL = 500Ω
RL = 100Ω
FREQUENCY (Hz)
1M
10M
100M
300M
181567 G17
5
0
–5
–10
10
TA = 25°C
AV = 2
VS = ±5V
RF = RG = 500Ω
CF = 1pF
RL = 500Ω
RL = 100Ω
FREQUENCY (Hz)
1M
–5
0
10M
100M
300M
181567 G18
–10
5
TA = 25°C
AV = –1
VS = ±5V
RF = RG = 500Ω
CF = 1pF
RL = 500Ω
RL = 100Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com