Electronic Components Datasheet Search
  English  ▼

X  

S-8821 Datasheet(PDF) 9 Page - ABLIC Inc.

Part # S-8821
Description  VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-8821 Datasheet(HTML) 9 Page - ABLIC Inc.

Back Button S-8821 Datasheet HTML 5Page - ABLIC Inc. S-8821 Datasheet HTML 6Page - ABLIC Inc. S-8821 Datasheet HTML 7Page - ABLIC Inc. S-8821 Datasheet HTML 8Page - ABLIC Inc. S-8821 Datasheet HTML 9Page - ABLIC Inc. S-8821 Datasheet HTML 10Page - ABLIC Inc. S-8821 Datasheet HTML 11Page - ABLIC Inc. S-8821 Datasheet HTML 12Page - ABLIC Inc. S-8821 Datasheet HTML 13Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
S-8821 Series
9
Operation
1. Basic operation
Figure 7 shows the block diagram of the S-8821 Series.
The S-8821 series controls the output voltage by using the pulse frequency modulation (PFM) method.
The SW1 to SW4 switching transistors are switched ON/OFF with the clock generated by the internal
oscillator circuit, and operates the boost charge pump.
The output voltage is fed back and the voltage split by feedback resistances Rs and Rf and reference
voltage (Vref) are compared by a comparator. This comparator signal is used to modulate the oscillation
pulse frequency in order to keep the output voltage constant.
VIN
Switch
control
circuit
SW1
SW2
SW3
SW4
C
C
CPUMP=0.10 F
Soft start
circuit
ON/OFF
circuit
ON/OFF
PFM control
oscillator
circuit
(1.0 MHz)
Reference
voltage
+
-
VOUT
GND
COUT=10 F
Rs
Rf
CIN=4.7 F
Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com