Electronic Components Datasheet Search
  English  ▼

X  

S-8821 Datasheet(PDF) 13 Page - ABLIC Inc.

Part # S-8821
Description  VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-8821 Datasheet(HTML) 13 Page - ABLIC Inc.

Back Button S-8821 Datasheet HTML 9Page - ABLIC Inc. S-8821 Datasheet HTML 10Page - ABLIC Inc. S-8821 Datasheet HTML 11Page - ABLIC Inc. S-8821 Datasheet HTML 12Page - ABLIC Inc. S-8821 Datasheet HTML 13Page - ABLIC Inc. S-8821 Datasheet HTML 14Page - ABLIC Inc. S-8821 Datasheet HTML 15Page - ABLIC Inc. S-8821 Datasheet HTML 16Page - ABLIC Inc. S-8821 Datasheet HTML 17Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
S-8821 Series
13
Precautions
 Regarding the wiring to the VIN pin, VOUT pin, C pin, C pin and GND pin, be careful to perform
pattern wiring so as to obtain low impedance.
 Always connect a capacitor to the VOUT pin, C pin, and C pin.
 Connect CIN and COUT in the vicinity of the IC and sufficiently strengthen the wiring for GND pin and VIN
pin in order to lower the impedance of the wiring resistance, etc. High impedance may cause unstable
operation.
Moreover, in selecting CIN and COUT, perform a full evaluation of the actual usage conditions.
 Connect CPUMP in the vicinity of the IC and sufficiently strengthen the wiring for the C pin and C pin in
order to lower the impedance of the wiring resistance, etc. High impedance may cause instable
operation.
Moreover, in selecting CPUMP, perform a full evaluation of the actual usage conditions.
 The ON/OFF pin is configured as shown in Figure 9 and is neither pulled up or down internally, so do not
use this pin in a floating state. When not using the ON/OFF pin, connect it to the VIN pin.
Moreover, please do not apply voltage higher than VIN
0.3 V to an ON/OFF pin. Current flows for a
VIN pin through the protection diode inside IC.
 Since this IC consists of double boost circuits, it cannot set more than twice voltage of VIN to VOUT(S).
 Be careful about the usage conditions for the input/output voltages and output current to make sure that
dissipation within the IC does not exceed the allowable power dissipation of the package.
For reference, the calculation of the power consumption in this IC is shown below.
PD=(VIN  2.0  VOUT)  (IOUT)
Reference: VIN=4.2 V, VOUT=5.5 V, IOUT=10 mA
PD=(4.2  2.0  5.5)  0.010=29 mW
 Since the information described herein is subject to change without notice, confirm that this is the latest
one before using.
 Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in
electrostatic protection circuit.
 ABLIC Inc. claims no responsibility for any and all disputes arising out of or in connection with any
infringement of the products including this IC upon patents owned by a third party.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com