Electronic Components Datasheet Search
  English  ▼

X  

S-8821 Datasheet(PDF) 3 Page - ABLIC Inc.

Part # S-8821
Description  VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-8821 Datasheet(HTML) 3 Page - ABLIC Inc.

  S-8821 Datasheet HTML 1Page - ABLIC Inc. S-8821 Datasheet HTML 2Page - ABLIC Inc. S-8821 Datasheet HTML 3Page - ABLIC Inc. S-8821 Datasheet HTML 4Page - ABLIC Inc. S-8821 Datasheet HTML 5Page - ABLIC Inc. S-8821 Datasheet HTML 6Page - ABLIC Inc. S-8821 Datasheet HTML 7Page - ABLIC Inc. S-8821 Datasheet HTML 8Page - ABLIC Inc. S-8821 Datasheet HTML 9Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
S-8821 Series
3
Product Name Structure
 The output voltage and packages for the S-8821 Series can be selected at the user’s request. Refer to
the “Product name” for the meanings of the characters in the product name, “Package” regarding the
package drawings and “Product name list” for the full product names.
1. Product name
(1) SOT-23-6W
S-8821 xx A MH - xxx TF x
Output voltage
25 to 55
(E.g., when the output voltage is 2.5 V, it is
expressed as 25.)
IC direction in tape specifications
*1
Package name (abbreviation)
MH: SOT-23-6W
Environmental code
S: Lead-free, halogen-free
G: Lead-free (for details, please contact our sales office)
Product name (abbreviation)
*2
*1. Refer to the tape specifications at the end of this book.
*2. Refer to the product name list.
(2) SNT-8A
S-8821 xx A PH - xxx TF U
Output voltage
25 to 55
(E.g., when the output voltage is 2.5 V, it is
expressed as 25.)
IC direction in tape specifications
*1
Package name (abbreviation)
PH: SNT-8A
Environmental code
U: Lead-free (Sn 100%), halogen-free
Product name (abbreviation)
*2
*1. Refer to the tape specifications at the end of this book.
*2. Refer to the product name list.
2. Package
Package Name
Drawing Code
Package
Tape
Reel
Land
SOT-23-6W
MP006-B-P-SD
MP006-B-C-SD
MP006-B-R-SD
SNT-8A
PH008-A-P-SD
PH008-A-C-SD
PH008-A-R-SD
PH008-A-L-SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com