Electronic Components Datasheet Search
  English  ▼

X  

TL70 Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # TL70
Description  TL70 Wireless Communication Segment
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL70 Datasheet(HTML) 5 Page - Banner Engineering Corp.

  TL70 Datasheet HTML 1Page - Banner Engineering Corp. TL70 Datasheet HTML 2Page - Banner Engineering Corp. TL70 Datasheet HTML 3Page - Banner Engineering Corp. TL70 Datasheet HTML 4Page - Banner Engineering Corp. TL70 Datasheet HTML 5Page - Banner Engineering Corp. TL70 Datasheet HTML 6Page - Banner Engineering Corp. TL70 Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
I/O
Modbus Holding Register
I/O Type
I/O Range
Holding Register
Representation (Dec.)
Module #
Gateway
Any Node
Min.
Max.
Min.
Max.
10
10
10 + (Node# × 16)
Discrete OUT 10
0
1
0
1
M2
11
11
11 + (Node# × 16)
Discrete OUT 11
0
1
0
1
M3
12
12
12 + (Node# × 16)
Discrete OUT 12
0
1
0
1
M4
13
13
13 + (Node# × 16)
Discrete OUT 13
0
1
0
1
M5
14
14
14 + (Node# × 16)
Discrete OUT 14 / Zero out (clear) the counter ²
0
1
0
1
M6
15
15
15 + (Node# × 16)
Control Message
16
16
16 + (Node# × 16)
Reserved
¹ Active when DIP Switch 4 is enabled
²Active when DIP Switch 3 is enabled
Creating Host Controlled Flash Patterns
When DIP switch 7 is enabled, a host controlled system can write a value of 0x0000 to 0xFFFF to an output register to enable that
light segment in that specific flash pattern.
Flash a TL70 light by entering a time-based bit mask into the output register. Bit 0 represents the first 62.5 ms time window, bit 1
represents the second 62.5 ms window, etc.
For example, turn ON the output from 0 to 250 ms, OFF from 250 to 500 ms, ON from 500 to 750 ms, then OFF again from 750 ms
to 1 second by writing 0x0F0F to the appropriate output.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bin
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
Hex
0
F
0
F
Light
Turned off from 750 ms to 1 s
Turned on from 500 to 750 ms
Turned off from 250 to 500 ms
Turned on from 0 to 250 ms
Specifications
Performance Radio with Internal Antenna Specifications
Radio Range1
900 MHz, 1 Watt (Internal antenna): Up to 3.2 km (2 miles) with line of sight
2.4 GHz, 65 mW (Internal antenna): Up to 1000 m (3280 ft) with line of sight
Antenna Minimum Separation Distance
900 MHz, 150 mW and 250 mW: 2 m (6 ft)
900 MHz, 1 Watt: 4.57 m (15 ft)
2.4 GHz, 65 mW: 0.3 m (1 ft)
Radio Transmit Power
900 MHz, 1 Watt: 30 dBm (1 W) conducted (up to 36 dBm EIRP)
2.4 GHz, 65 mW: 18 dBm (65 mW) conducted, less than or equal to 20 dBm
(100 mW) EIRP
Spread Spectrum Technology
FHSS (Frequency Hopping Spread Spectrum)
900 MHz Compliance (1 Watt)
FCC ID UE3RM1809: This device complies with FCC Part 15, Subpart C,
15.247
IC: 7044A-RM1809
2.4 GHz Compliance
FCC ID UE300DX80-2400 - This device complies with FCC Part 15, Subpart
C, 15.247
ETSI EN 300 328: V1.8.1 (2012-06)
IC: 7044A-DX8024
Link Timeout
Gateway: Configurable via User Configuration Tool (UCT) software
Node: Defined by Gateway
Radiated Immunity HF
10 V/m (EN 61000-4-3)
1
Range depends on the environment and decreases significantly without line of sight. Always verify your wireless network's range by performing a Site Survey.
TL70 Wireless Communication Segment
P/N 204207 Rev. B
www.bannerengineering.com - Tel: +1-763-544-3164
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com