Electronic Components Datasheet Search
  English  ▼

X  

TL70 Datasheet(PDF) 6 Page - Banner Engineering Corp.

Part # TL70
Description  TL70 Wireless Communication Segment
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL70 Datasheet(HTML) 6 Page - Banner Engineering Corp.

  TL70 Datasheet HTML 1Page - Banner Engineering Corp. TL70 Datasheet HTML 2Page - Banner Engineering Corp. TL70 Datasheet HTML 3Page - Banner Engineering Corp. TL70 Datasheet HTML 4Page - Banner Engineering Corp. TL70 Datasheet HTML 5Page - Banner Engineering Corp. TL70 Datasheet HTML 6Page - Banner Engineering Corp. TL70 Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Tower Light Specifications
Supply Voltage and Current
12 V dc to 30 V dc (Outside the USA: 12 V dc to 24 V dc, ± 10%) 2
900 MHz Consumption: Maximum current draw is < 40 mA and typical
current draw is < 30 mA at 24 V dc. (2.4 GHz consumption is less.)
Indicator Color or Audible Model
Maximum Current (mA)
at 12 V dc
at 30 V dc
Blue, Green, White
420
150
Red, Yellow, Orange
285
120
Standard Audible
30
30
Loud Audible (Intensity 1)
18
14
Loud Audible (Intensity 2)
40
28
Loud Audible (Intensity 3)
160
70
Loud Audible (Intensity 4)
350
110
Supply Protection Circuitry
Protected against transient voltages
Audible Alarm
Standard Audible: 2.6 KHz ± 250 Hz oscillation frequency; maximum
intensity (typical) 92 dB at 1 m (3.3 ft)
Loud Audible: 2.6 KHz ± 250 Hz oscillation frequency; maximum intensity
(typical) at 1 m (3.3 ft)
DIP Switches
Max Intensity (Loud Audible)
9
10
ON
ON
Intensity 4: 101 dB
OFF
ON
Intensity 3: 99 dB
ON
OFF
Intensity 2: 92 dB
OFF
OFF
Intensity 1: 85 dB
Audible Adjustment
Standard Audible: Rotate the cover until the desired volume is reached
Loud Audible Adjustment: Select the desired volume using DIP switches 9
and 10
Typical Reduction in Sound Intensity with Audible Adjustment (maximum to
minimum):
•
Standard Audible: 8 dB
•
Loud Audible: 16 dB
Indicators
1 to 6 colors depending on model (Green, Red, Yellow, Blue, White, and
Orange)
LEDs are independently selected
Flash Rates: 1.5 Hz ±10% and 3 Hz ±10%
Indicator Response Time
Off Response: 150 µs (maximum) at 12 V dc to 30 V dc
On Response: 180 ms (maximum) at 12 V dc; 50 ms (maximum) at 30 V dc
Connections
5-pin M12/Euro-style quick disconnect, 8-pin M12/Euro-style quick
disconnect, 150 mm (5.9 in) PVC cable with an M12/Euro-style quick
disconnect, or 2 m (6.5 ft) unterminated cable, depending on model
Construction
Bases, Segments, Covers: Polycarbonate
Vibration and Mechanical Shock
Vibration 10 Hz to 55 Hz 0.5 mm p-p amplitude per IEC 60068-2-6
Shock 15G 11 ms duration, half sine wave per IEC 60068-2-27
Indicator Characteristics
Color
Dominant Wavelength (nm)
or Color Temperature (CCT)
Color Coordinates3
Lumen
Output
(Typical at
25 °C)
x
y
Green
525 nm
–
–
92
Red
625 nm
–
–
40
Yellow
590 nm
–
–
22
Blue
470 nm
–
–
32
White
5000 K
–
–
125
Orange
–
0.66
0.33
33
Operating Conditions
–40 °C to +50 °C (–40 °F to +122 °F)
95% at +50 °C maximum relative humidity (non-condensing)
Environmental Rating
IEC IP65
Radiated Immunity HF
10 V/m (EN 61000-4-3)
Certifications
Required Overcurrent Protection
WARNING: Electrical connections must be
made by qualified personnel in accordance with
local and national electrical codes and
regulations.
Overcurrent protection is required to be provided by end product
application per the supplied table.
Overcurrent protection may be provided with external fusing or via Current
Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to
www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
2
For European applications, power this device from a Limited Power Source as defined in EN 60950-1.
3 Refer to CIE 1931 chromaticity diagram or color chart, to show equivalent color with indicated color coordinates.
TL70 Wireless Communication Segment
6
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 204207 Rev. B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com