Electronic Components Datasheet Search
  English  ▼

X  

TL70 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # TL70
Description  TL70 Wireless Communication Segment
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL70 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  TL70 Datasheet HTML 1Page - Banner Engineering Corp. TL70 Datasheet HTML 2Page - Banner Engineering Corp. TL70 Datasheet HTML 3Page - Banner Engineering Corp. TL70 Datasheet HTML 4Page - Banner Engineering Corp. TL70 Datasheet HTML 5Page - Banner Engineering Corp. TL70 Datasheet HTML 6Page - Banner Engineering Corp. TL70 Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Datasheet
Sure Cross® Wireless TL70 Tower Lights combine the best of Banner's popular Tower Light family with its reliable, field proven,
Sure Cross wireless architecture.
Benefits
•
Enables machine monitoring and Overall Equipment Effectiveness by collecting available machine data for analysis and to
identify causes of lost production
•
Lowers the cost and complexity of line and plant reconfigurations
•
Provides an easy way to implement remote monitoring and the Industrial Internet of Things (IIoT)
•
Easy Installation—Adds wireless communication and networking capabilities to new
or existing TL70 Tower Lights
•
Power Options—Works with either the standard dc-powered or ac-powered TL70
base
•
Input Flexibility—Accepts PNP or NPN inputs
•
No Constant Power—Uses machine input power for lights and stores power to keep
radio in sync
•
Industrial Design—Rugged, water-resistant IP65 housing with UV-stabilized material
•
Event Counter—Configure input wires as auxiliary sourcing inputs from external
devices or as a 20 Hz, 32-bit event counter
•
Powerful Radio—Available in 900 MHz (1 watt) and 2.4 GHz (65 mW) ISM Bands
Models
Model
Base Color
Frequency
Input
Output
SG-TL70-DXN9
Black
900 MHz ISM Band
Six PNP/NPN discrete, 32-bit Synchronous Event
Counter (enabled using DIP switches storing
counter value with inputs 5 and 6)
Six Discrete Out
SG-TL70-DXN9C
Gray
SG-TL70-DXN2
Black
2.4 GHz ISM Band
SG-TL70-DXN2C
Gray
Configuration Instructions
Set the Radio Module DIP Switches
Before applying power to the device, set the radio module's DIP
switches. Default configurations are noted with (*).
LED
DIP Switches
Binding
Push Button
Bank # 2 (5-8)
DIP Switches
Bank # 1 (1-4)
DIP Switch 1—The 900 MHz radios transmit at 1 Watt (30 dBm) or 250 mW (24 dBm). Refer to your Gateway's datasheet for more
information.
DIP Switch 1: Radio Transmit Power
900 MHz Models
2.4 GHz Models
OFF *
1 Watt (30 dBm) operation
Disabled
ON
250 mW (24 dBm) operation
TL70 Wireless Communication Segment
Original Document
204207 Rev. B
13 March 2018
204207


Similar Part No. - TL70

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
TL70 BANNER-TL70 Datasheet
196Kb / 3P
TL70 Loud Multi-Tone Audible Tower Light Module
TL70 BANNER-TL70 Datasheet
304Kb / 3P
TL70 Programmable Audible Tower Light Module
TL70 BANNER-TL70 Datasheet
117Kb / 2P
TL70 Multicolor RGB Tower Light Module
TL70 BANNER-TL70 Datasheet
118Kb / 2P
TL70 Multicolor Tower Light Module
TL70 BANNER-TL70 Datasheet
382Kb / 4P
TL70 Modular Tower Light
More results

Similar Description - TL70

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
802-RF448.0M-A OSCILENT-802-RF448.0M-A Datasheet
148Kb / 2P
Wireless Communication
803-RF447.0M-A OSCILENT-803-RF447.0M-A Datasheet
144Kb / 2P
Wireless Communication
803-RF448.0M-C OSCILENT-803-RF448.0M-C Datasheet
145Kb / 2P
Wireless Communication
803-RF465.0M-A OSCILENT-803-RF465.0M-A Datasheet
146Kb / 2P
Wireless Communication
803-RF899.0M-A OSCILENT-803-RF899.0M-A Datasheet
145Kb / 2P
Wireless Communication
803-RF930.5M-B OSCILENT-803-RF930.5M-B Datasheet
144Kb / 2P
Wireless Communication
803-RF939.0M-A OSCILENT-803-RF939.0M-A Datasheet
420Kb / 3P
Wireless Communication
803-RF380.8M-B OSCILENT-803-RF380.8M-B_14 Datasheet
201Kb / 2P
Wireless Communication
logo
Suntsu Electronics, Inc...
SATOA-81D81D14G-CMB6 SUNTSU-SATOA-81D81D14G-CMB6 Datasheet
265Kb / 2P
Wireless Communication
SATOA-96C8I-GSB1 SUNTSU-SATOA-96C8I-GSB1 Datasheet
374Kb / 2P
Wireless Communication
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com