Electronic Components Datasheet Search
  English  ▼

X  

TL50BGYRAOSIQ Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # TL50BGYRAOSIQ
Description  TL50 Tower Light
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL50BGYRAOSIQ Datasheet(HTML) 5 Page - Banner Engineering Corp.

  TL50BGYRAOSIQ Datasheet HTML 1Page - Banner Engineering Corp. TL50BGYRAOSIQ Datasheet HTML 2Page - Banner Engineering Corp. TL50BGYRAOSIQ Datasheet HTML 3Page - Banner Engineering Corp. TL50BGYRAOSIQ Datasheet HTML 4Page - Banner Engineering Corp. TL50BGYRAOSIQ Datasheet HTML 5Page - Banner Engineering Corp. TL50BGYRAOSIQ Datasheet HTML 6Page - Banner Engineering Corp. TL50BGYRAOSIQ Datasheet HTML 7Page - Banner Engineering Corp. TL50BGYRAOSIQ Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Dimensions
M30 x 1.5
(mounting nut
included)
Internal Threads
1/2–14 NPSM
Max Torque 2.25 Nm
[20in–lbf]
50.0 [1.97"]
H
19.0 [0.75"]
8.3 [0.33"]
# of
Colors
Tower Height (H)
Non-Audible
Standard Audible*
Sealed Audible
Omni-Directional
Sealed Audible
1
61.2 mm (2.4 in)
92.0 mm (3.6 in)
115.1 mm (4.5 in)
129.1 mm (5.1 in)
2
101.9 mm (4.0 in)
132.7 mm (5.2 in)
155.8 mm (6.1 in)
169.8 mm (6.7 in)
3
142.6 mm (5.6 in)
173.4 mm (6.8 in)
196.5 mm (7.7 in)
210.5 mm (8.3 in)
4
183.3 mm (7.2 in)
214.1 mm (8.4 in)
237.2 mm (9.3 in)
251.2 mm (9.9 in)
5
224.0 mm (8.8 in)
254.8 mm (10.0 in)
277.9 mm (10.9 in)
291.1 mm (11.5 in)
6
264.7 mm (10.4 in)
298.5 mm (11.8 in)
318.6 mm (12.5 in)
332.6 mm (13.1 in)
7
305.4 mm (12.0 in)
–
–
–
* Tower height (H) with top unscrewed approximately 3.5 mm (0.18 in) to allow sound to escape
All measurements are listed in millimeters [inches], unless noted otherwise.
Accessories
Cordsets
4-Pin Threaded M12/Euro-Style Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDC-406
1.83 m (6 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
1 = Brown
2 = White
3 = Blue
4 = Black
MQDC-415
4.57 m (15 ft)
MQDC-430
9.14 m (30 ft)
MQDC-450
15.2 m (50 ft)
5-Pin Threaded M12/Euro-Style Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDC1-501.5
0.50 m (1.5 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDC1-506
1.83 m (6 ft)
MQDC1-515
4.57 m (15 ft)
MQDC1-530
9.14 m (30 ft)
MQDC1-506RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDC1-515RA
4.57 m (15 ft)
MQDC1-530RA
9.14 m (30 ft)
TL50 Tower Light
P/N 142406 Rev. R
www.bannerengineering.com - Tel: + 1 888 373 6767
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com