Electronic Components Datasheet Search
  English  ▼

X  

TL50BGYRAOSIQ Datasheet(PDF) 7 Page - Banner Engineering Corp.

Part # TL50BGYRAOSIQ
Description  TL50 Tower Light
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL50BGYRAOSIQ Datasheet(HTML) 7 Page - Banner Engineering Corp.

  TL50BGYRAOSIQ Datasheet HTML 1Page - Banner Engineering Corp. TL50BGYRAOSIQ Datasheet HTML 2Page - Banner Engineering Corp. TL50BGYRAOSIQ Datasheet HTML 3Page - Banner Engineering Corp. TL50BGYRAOSIQ Datasheet HTML 4Page - Banner Engineering Corp. TL50BGYRAOSIQ Datasheet HTML 5Page - Banner Engineering Corp. TL50BGYRAOSIQ Datasheet HTML 6Page - Banner Engineering Corp. TL50BGYRAOSIQ Datasheet HTML 7Page - Banner Engineering Corp. TL50BGYRAOSIQ Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LMBE12RA35
•
Direct mounting of stand-off pipe, with
common bracket type
•
Zinc-plated steel
•
1/2-14 NPSM nut
•
Mounting distance from the wall to the
center of the 1/2-14 NPSM nut is 35 mm
Hole center spacing: 20.0
38.25
57
2X Ø9
1/2 - 14
NPSM NUT
55
35
LMBE12RA45
•
Direct mounting of stand-off pipe, with
common bracket type
•
Zinc-plated steel
•
1/2-14 NPSM nut
•
Mounting distance from the wall to the
center of the 1/2-14 NPSM nut is 45 mm
Hole center spacing: 35.0
38.25
81
65
45
2X Ø11
1/2 - 14
NPSM NUT
LMB Sealed Right-Angle Bracket
Model
Description
Construction
LMB30RA
Direct-Mount Models: Bracket kit with base, 30 mm
adapter, set screw, fasteners, O-rings, and gaskets.
Black polycarbonate
LMB30RAC
Gray polycarbonate
LMBE12RA
Pipe-Mount Models: Bracket kit with base, ½-14 pipe
adapter, set screw, fasteners, O-rings, and gaskets.
For use with stand-off pipe (listed and sold separately).
Black polycarbonate
LMBE12RAC
Gray polycarbonate
Elevated Mount System
Model
Features
Components
SA-M30TE12 - Black Acetal
•
Streamlined black acetal or white UHMW stand-off
pipe adapter/cover
•
Connects between 30 mm light base and ½ in.
NPSM/DN15 pipe
•
Mounting hardware included
SA-M30TE12C - White UHMW
Polished 304 Stainless
Steel
Black Anodized
Aluminum
Clear Anodized
Aluminum
•
Elevated-use stand-off pipe (½ in. NPSM/DN15)
•
Polished 304 stainless steel, black anodized
aluminum, or clear anodized aluminum surface
•
½ in. NPT thread at both ends
•
Compatible with most industrial environments
SOP-E12-150SS
150 mm (6 in) long
SOP-E12-150A
150 mm (6 in) long
SOP-E12-150AC
150 mm (6 in) long
SOP-E12-300SS
300 mm (12 in) long
SOP-E12-300A
300 mm (12 in) long
SOP-E12-300AC
300 mm (12 in) long
SOP-E12-900SS
900 mm (36 in) long
SOP-E12-900A
900 mm (36 in) long
SOP-E12-900AC
900 mm (36 in) long
SA-E12M30 - Black Acetal
•
Streamlined black acetal or white UHMW mounting
base adapter/cover
•
Connects between ½ in. NPSM/DN15 pipe and 30
mm (1-3/16 in) drilled hole
•
Mounting hardware included
SA-E12M30C - White UHMW
Pipe Mounting Flange
Pipe Mounting Flange
Model
Features
Construction
SA-F12
•
Elevated-use stand-off pipes (½ in,
NPSM/DN15)
•
M5 mounting hardware and nitrile gasket
included
Die-cast zinc base with
black paint
10
ø28
ø70
1/2-14
NPSM
4x ø5.5
54
TL50 Tower Light
P/N 142406 Rev. R
www.bannerengineering.com - Tel: + 1 888 373 6767
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com