Electronic Components Datasheet Search
  English  ▼

X  

TL50BGYRAOSIQ Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # TL50BGYRAOSIQ
Description  TL50 Tower Light
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL50BGYRAOSIQ Datasheet(HTML) 1 Page - Banner Engineering Corp.

  TL50BGYRAOSIQ Datasheet HTML 1Page - Banner Engineering Corp. TL50BGYRAOSIQ Datasheet HTML 2Page - Banner Engineering Corp. TL50BGYRAOSIQ Datasheet HTML 3Page - Banner Engineering Corp. TL50BGYRAOSIQ Datasheet HTML 4Page - Banner Engineering Corp. TL50BGYRAOSIQ Datasheet HTML 5Page - Banner Engineering Corp. TL50BGYRAOSIQ Datasheet HTML 6Page - Banner Engineering Corp. TL50BGYRAOSIQ Datasheet HTML 7Page - Banner Engineering Corp. TL50BGYRAOSIQ Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
Multi-Color General-Purpose or Audible Indicators
•
Rugged, cost-effective, and easy-to-install multi-segment indicators
•
Illuminated segments provide easy-to-see operator guidance and indication of
equipment status
•
Up to 7 stacked colors available
•
Available in black or light gray housing
•
Audible models available with standard, sealed, or omni-directional audible element
•
Compact devices are completely self-contained, no controller needed
•
Models with 1 to 5 segments, 18 V dc to 30 V dc or 24 V ac operation
•
Models with 6 to 7 segments, 12 V dc to 30 V dc or 24 V ac operation
•
No assembly required
Non-Audible Models
Model 1
# of LED
Colors
LED Colors 2
Connection3
Inputs
TL50RQ
1
Red
Integral 4-pin M12/Euro-style quick disconnect
Bimodal (NPN or PNP)
TL50GRQ
2
Green, Red
TL50GYRQ
3
Green, Yellow, Red
TL50BGYRQ
4
Blue, Green, Yellow, Red
Integral 5-pin M12/Euro-style quick disconnect
TL50WBGYRQ
5
White, Blue, Green, Yellow, Red
Integral 8-pin M12/Euro-style quick disconnect
Audible Models
Standard Audible
Model1
# of LED
Colors
LED Colors 2
Connection 3
Inputs
TL50RAQ
1
Red
Integral 4-pin M12/Euro-style quick disconnect
Bimodal (NPN or PNP)
TL50GRAQ
2
Green, Red
TL50GYRAQ
3
Green, Yellow, Red
Integral 5-pin M12/Euro-style quick disconnect
TL50BGYRAQ
4
Blue, Green, Yellow, Red
Integral 8-pin M12/Euro-style quick disconnect
TL50WBGYRAQ
5
White, Blue, Green, Yellow, Red
Sealed Audible Model1
# of LED
Colors
LED Colors 2
Connection 3
Inputs
Continuous
Pulsed at 1.6 Hz
Staccato
TL50RALSQ
TL50RALS3Q
TL50RALS4Q
1
Red
Integral 4-pin M12/Euro-style
quick disconnect
Bimodal
(NPN
or
PNP)
TL50GRALSQ
TL50GRALS3Q
TL50GRALS4Q
2
Green, Red
TL50GYRALSQ
TL50GYRALS3Q
TL50GYRALS4Q
3
Green, Yellow, Red
Integral 5-pin M12/Euro-style
quick disconnect
TL50BGYRALSQ
TL50BGYRALS3Q
TL50BGYRALS4Q
4
Blue, Green, Yellow, Red
Integral 8-pin M12/Euro-style
quick disconnect
TL50WBGYRALSQ
TL50WBGYRALS3Q
TL50WBGYRALS4Q
5
White, Blue, Green, Yellow, Red
1 Models with black housing are listed. For gray housing, add the suffix "C" at the end of the cabled model number or before the "Q" in quick disconnect
model numbers. For example, TL50RAC or TL50RACQ.
2 The first color listed is the bottom color, going up in successive order. Other available colors include: Turquoise (T), Orange (O), Violet (V), Sky Blue (S) and
Magenta (M).
3
•
To order the 150 mm (6 in) PVC cable model with a M12/Euro-style quick disconnect, replace the suffix "Q" with "QP" in the model number. For
example, TL50RAQP.
•
To order the 2 m (6.5 ft) PVC cable model, omit the suffix "Q" in the model number. For example, TL50RA.
•
Models with a quick disconnect require a mating cordset.
TL50 Tower Light
Original Document
142406 Rev. R
6 May 2019
142406


Similar Part No. - TL50BGYRAOSIQ

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
TL50BLZ BANNER-TL50BLZ Datasheet
843Kb / 6P
TL50BLZ Beacon Universal AC Voltage Tower Light
TL50BLZBGYR BANNER-TL50BLZBGYR Datasheet
843Kb / 6P
TL50BLZ Beacon Universal AC Voltage Tower Light
TL50BLZBGYRA BANNER-TL50BLZBGYRA Datasheet
843Kb / 6P
TL50BLZ Beacon Universal AC Voltage Tower Light
TL50BLZBGYRALS BANNER-TL50BLZBGYRALS Datasheet
843Kb / 6P
TL50BLZ Beacon Universal AC Voltage Tower Light
TL50BLZBGYRALS3 BANNER-TL50BLZBGYRALS3 Datasheet
843Kb / 6P
TL50BLZ Beacon Universal AC Voltage Tower Light
More results

Similar Description - TL50BGYRAOSIQ

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ITPL MSYSTEM-ITPL Datasheet
91Kb / 2P
Tower Light Series
IT60SRC MSYSTEM-IT60SRC Datasheet
203Kb / 5P
Tower Light Series
IT60SA2 MSYSTEM-IT60SA2 Datasheet
200Kb / 5P
Tower Light Series
IT60SA1 MSYSTEM-IT60SA1 Datasheet
209Kb / 7P
Tower Light Series
IT60RE MSYSTEM-IT60RE Datasheet
210Kb / 5P
ETHERNET TOWER LIGHT
IT50SW6F MSYSTEM-IT50SW6F Datasheet
435Kb / 10P
WIRELESS TOWER LIGHT
IT50SW5F MSYSTEM-IT50SW5F Datasheet
590Kb / 10P
WIRELESS TOWER LIGHT
IT50SW2 MSYSTEM-IT50SW2 Datasheet
322Kb / 6P
WIRELESS TOWER LIGHT
IT50SRE MSYSTEM-IT50SRE Datasheet
180Kb / 4P
ETHERNET TOWER LIGHT
IT40SW6F MSYSTEM-IT40SW6F Datasheet
428Kb / 10P
WIRELESS TOWER LIGHT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com