Electronic Components Datasheet Search
  English  ▼

X  

RBBA3000 Datasheet(PDF) 6 Page - Recom International Power

Part # RBBA3000
Description  Non-isolated buck/boost converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RBBA3000 Datasheet(HTML) 6 Page - Recom International Power

  RBBA3000 Datasheet HTML 1Page - Recom International Power RBBA3000 Datasheet HTML 2Page - Recom International Power RBBA3000 Datasheet HTML 3Page - Recom International Power RBBA3000 Datasheet HTML 4Page - Recom International Power RBBA3000 Datasheet HTML 5Page - Recom International Power RBBA3000 Datasheet HTML 6Page - Recom International Power RBBA3000 Datasheet HTML 7Page - Recom International Power RBBA3000 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.recom-power.com
REV.: 0/2019
RBB-6
DC/DC Converter
Specifications (measured @ Ta= 25°C, 2.5m/s, nom. Vin, 24Vout and after warm-up unless otherwise stated)
RBBA3000
Series
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
RoHS2
RoHS 2011/65/EU + AM2015/863
EMC Compliance
Condition
Standard / Criterion
Electromagnetic compatibility of multimedia equipment - Emission requirements
with external filter
(see suggestion below)
EN55032, Class A and B
Information technology equipment - Immunity characteristics - Limits and
methods of measurement
EN55024
DIMENSION AND PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
baseplate
case
potting
aluminium
plastic
low smoke silicone
Dimension (LxWxH)
60.60 x 63.2 x 13.0mm
Weight
155g typ.
continued on next page
EMC Filtering Suggestions according to EN55032
L1
C1
-Vout
+Vout
-Vin
+Vin
C3
C5
C2
C4
+V
out
-V
out
+V
in
-V
in
F
Component List Class A and B
C1
L1
C2
C3
C4
C5
2.2µF/100V MLCC
4pcs
3.3µH/100A
1pc
470µF/100V E-Cap
1pc
2.2µF/100V MLCC
18pcs
470µF/100V E-Cap
1pc
2.2uF/100V MLCC
4pcs
Thermal Calculation:
T
amb = Tbase max. - Tover
T
over = Rth x Pdiss
P
diss =
P
in - Pout
=
P
out
- P
out
η
T
base max.
= max. baseplate temperature [°C]
T
over
= temperature losses
[°C]
T
amb
= ambient temperature
[°C]
P
out
= output power
[W]
η
= efficiency (see graph)
[%]
P
diss
= internal losses
[W]
R
th
= thermal impedance
[K/W]
T
base max
= 110°C
P
out
= 1k2W
η
= 96%
R
th
= 1.2K/W (8)
T
amb = 110 - 60 = +50°C
T
over =
1.2 x 50 =
60K
P
diss =
1k2
- 1k2 =
50W
0.96
Practical Example:
Take the
RBBA3000-50 with 48V Input Voltage, 24V Output Voltage, 50A Output Current:
What is the maximum ambient operating temperature?



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com