Electronic Components Datasheet Search
  English  ▼

X  

RBBA3000 Datasheet(PDF) 5 Page - Recom International Power

Part # RBBA3000
Description  Non-isolated buck/boost converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RBBA3000 Datasheet(HTML) 5 Page - Recom International Power

  RBBA3000 Datasheet HTML 1Page - Recom International Power RBBA3000 Datasheet HTML 2Page - Recom International Power RBBA3000 Datasheet HTML 3Page - Recom International Power RBBA3000 Datasheet HTML 4Page - Recom International Power RBBA3000 Datasheet HTML 5Page - Recom International Power RBBA3000 Datasheet HTML 6Page - Recom International Power RBBA3000 Datasheet HTML 7Page - Recom International Power RBBA3000 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.recom-power.com
REV.: 0/2019
RBB-5
DC/DC Converter
Specifications (measured @ Ta= 25°C, 2.5m/s, nom. Vin, 24Vout and after warm-up unless otherwise stated)
RBBA3000
Series
-40
-20
0
20
40
70
60
-30
-10
10
30
50
80
85
90
110
100
Ambient Temperature [°C]
600
500
300
400
200
100
0
24Vin/12Vout
-40
-20
0
20
40
70
60
-30
-10
10
30
50
80 90
110
100
Ambient Temperature [°C]
600
500
300
400
200
100
0
12Vin/24Vout
-40
-20
0
20
40
70
60
-30
-10
10
30
50
80 90
110
100
Ambient Temperature [°C]
1200
1150
1000
600
800
400
200
0
48Vin/24Vout
Operating Altitude [m]
0
1000
2000
3000
4000
5000
6000
100
70
50
90
80
60
30
40
20
10
0
Derating Graph (6)
(@ chamber and 2.5m/s convection)
24Vin/12Vout
48Vin/24Vout
12Vin/24Vout
Operating Altitude vs. Load
(@ chamber and 2.5m/s convection)
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range (8)
@ 2.5m/s convection (refer to
”Derating Graph”)
-40°C to +85°C
Maximum Baseplate Temperature
+110°C
Temperature Coefficient (8)
@ 2.5m/s convection and baseplate mounting
0.05%/K
Thermal Impedance
@ 2.5m/s convection and baseplate mounting
1.2K/W
Operating Altitude (8)
@ 2.5m/s convection (refer to
“Operating Altitude vs. Load”)
5000m
Operating Humidity
non-condensing
5% - 95% RH max.
MTBF
according Telcordia SR332
Method I Reliability Prediction at 48Vin, 25°C and 80% load
1300 x 103 hours
continued on next page
Notes:
Note8: tested with a eurocard 185x185mm 105µm copper, 6 layer



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com