Electronic Components Datasheet Search
  English  ▼

X  

RBBA3000 Datasheet(PDF) 7 Page - Recom International Power

Part # RBBA3000
Description  Non-isolated buck/boost converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RBBA3000 Datasheet(HTML) 7 Page - Recom International Power

  RBBA3000 Datasheet HTML 1Page - Recom International Power RBBA3000 Datasheet HTML 2Page - Recom International Power RBBA3000 Datasheet HTML 3Page - Recom International Power RBBA3000 Datasheet HTML 4Page - Recom International Power RBBA3000 Datasheet HTML 5Page - Recom International Power RBBA3000 Datasheet HTML 6Page - Recom International Power RBBA3000 Datasheet HTML 7Page - Recom International Power RBBA3000 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.recom-power.com
REV.: 0/2019
RBB-7
DC/DC Converter
Specifications (measured @ Ta= 25°C, 2.5m/s, nom. Vin, 24Vout and after warm-up unless otherwise stated)
RBBA3000
Series
INSTALLATION AND APPLICATION
48Vin to 24Vout converter
+V
in
-V
in
I
set
I
share
Sync
In
CTRL
R
Iset
Trim
-Sense
+Sense
+V
out
-V
out
R
Trim
L1
C1
-Vout
+Vout
-Vin
+Vin
C3
C5
C2
C4
F
Input
C1
L1
C2
C3
R
Iset
R
Trim
C4
C5
Output
48Vin
2.2uF/100V MLCC
4pcs
3.3uH/100V
1pc
470µF/100V E-Cap
1pc
2.2uF/100V MLCC
18pcs
15.4
Ω
23k7
Ω
470µF/100V E-Cap
1pc
2.2uF/100V MLCC
4pcs
24Vout
40A
Dimension Drawing (mm)
30.3
tc
19 x 2.54 = 48.26
60.6
M3
2.0+0.15/-0.05
Ø
1.0+0.15/-0.05
Ø
7
8
9
10
11
1
2
3
4
5
6
Bottom View
FC 48.26
6.2
4 x Ø4.80
2.54
1
2
3
4
5
6
11
10
9
8
7
Recommended Footprint Details
Pin Information
Pin #
Single
1
+Vin
2
CTRL
3
SyncIn
connect to -Vin
4
Iset
5
Ishare
6
-Vin
7
-Vout
8
-Sense
connect to -Vout
9
Trim
10
+Sense
11
+Vout
xx.x ± 0.5mm
xx.xx ± 0.25mm
FC= fixing center
max. tightening torque
of mounting holes=0.60Nm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com