Electronic Components Datasheet Search
  English  ▼

X  

LTC6900 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6900
Description  Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6900 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6900 Datasheet HTML 4Page - Linear Technology LTC6900 Datasheet HTML 5Page - Linear Technology LTC6900 Datasheet HTML 6Page - Linear Technology LTC6900 Datasheet HTML 7Page - Linear Technology LTC6900 Datasheet HTML 8Page - Linear Technology LTC6900 Datasheet HTML 9Page - Linear Technology LTC6900 Datasheet HTML 10Page - Linear Technology LTC6900 Datasheet HTML 11Page - Linear Technology LTC6900 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC6900
8
6900f
SUPPLY VOLTAGE (V)
2.5
–0.05
0
0.05
0.10
0.15
3.0
3.5
4.0
4.5
6900 F05
5.0
5.5
85
°C
–40
°C
25
°C
RSET = 63.2k
PIN 4 = FLOATING (
÷10)
Figure 5. Supply Sensitivity
TIME AFTER POWER APPLIED (
µs)
0
20
30
40
600
400k
1000
6900 F06
10
0
–10
200
400
800
50
60
70
63.2k
20k
TA = 25°C
V+ = 5V
POWER SUPPLY REJECTION
Low Frequency Supply Rejection (Voltage Coefficient)
Figure 5 shows the output frequency sensitivity to power
supply voltage at several different temperatures. The
LTC6900 has a guaranteed voltage coefficient of 0.1%/V
but, as Figure 5 shows, the typical supply sensitivity is
twice as low.
High Frequency Power Supply Rejection
The accuracy of the LTC6900 may be affected when its
power supply generates significant noise with a frequency
content in the vicinity of the programmed value of fOSC. If
a switching power supply is used to power the LTC6900,
and if the ripple of the power supply is more than 20mV,
make sure the switching frequency and its harmonics are
not related to the output frequency of the LTC6900.
Otherwise, the oscillator may show additional frequency
error.
If the LTC6900 is powered by a switching regulator and the
switching frequency or its harmonics coincide with the
output frequency of the LTC6900, the jitter of the oscillator
output may be affected. This phenomenon will become
noticeable if the switching regulator exhibits ripples be-
yond 30mV.
START-UP TIME
The start-up time and settling time to within 1% of the final
value can be estimated by tSTART ≅ RSET(3.7µs/kΩ) +
10
µs. Note the start-up time depends on RSET and it is
independent from the setting of the divider pin. For in-
stance with RSET = 100k, the LTC6900 will settle with 1%
of its 200kHz final value (N = 10) in approximately 380
µs.
Figure 6 shows start-up times for various RSET resistors.
Figure 7 shows an application where a second set resistor
RSET2 is connected in parallel with set resistor RSET1 via
switch S1. When switch S1 is open, the output frequency
of the LTC6900 depends on the value of the resistor RSET1.
When switch S1 is closed, the output frequency of the
LTC6900 depends on the value of the parallel combination
of RSET1 and RSET2.
The start-up time and settling time of the LTC6900 with
switch S1 open (or closed) is described by tSTART shown
above. Once the LTC6900 starts and settles, and switch S1
closes (or opens), the LTC6900 will settle to its new output
frequency within approximately 70
µs.
Jitter
The Peak-to-Peak Jitter vs Output Frequency graph, in the
Typical Performance Characteristics section, shows the
typical clock jitter as a function of oscillator frequency and
power supply voltage. The capacitance from the SET pin,
(Pin 3), to ground must be less than 10pF. If this require-
ment is not met, the jitter will increase.
Figure 6. Start-Up Time
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com