Electronic Components Datasheet Search
  English  ▼

X  

LTC6900 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6900
Description  Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6900 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6900 Datasheet HTML 4Page - Linear Technology LTC6900 Datasheet HTML 5Page - Linear Technology LTC6900 Datasheet HTML 6Page - Linear Technology LTC6900 Datasheet HTML 7Page - Linear Technology LTC6900 Datasheet HTML 8Page - Linear Technology LTC6900 Datasheet HTML 9Page - Linear Technology LTC6900 Datasheet HTML 10Page - Linear Technology LTC6900 Datasheet HTML 11Page - Linear Technology LTC6900 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC6900
9
6900f
APPLICATIO S I FOR ATIO
V+
1
2
RSET1
RSET2
3
S1
5
V+
6900 F07
4
GND
LTC6900
3V OR 5V
SET
OUT
DIV
÷10
÷100
÷1
fOSC = 10MHz •
OR
()
20k
N • RSET1
fOSC = 10MHz •
()
20k
N • RSET1//RSET2
Figure 7
A Ground Referenced Voltage Controlled Oscillator
The LTC6900 output frequency can also be programmed
by steering current in or out of the SET pin, as conceptually
shown in Figure 8. This technique can degrade accuracy as
the ratio of (V+ – VSET) / IRES is no longer uniquely
dependent of the value of RSET, as shown in the LTC6900
Block Diagram. This loss of accuracy will become notice-
able when the magnitude of IPROG is comparable to IRES.
The frequency variation of the LTC6900 is still monotonic.
Figure 9 shows how to implement the concept shown in
Figure 8 by connecting a second resistor, RIN, between the
SET pin and a ground referenced voltage source, VIN.
For a given power supply voltage in Figure 9, the output
frequency of the LTC6900 is a function of VIN, RIN, RSET
and (V+ – VSET) = VRES:
f
MHz
N
k
RR
VV
V
R
R
OSC
IN
SET
IN
RES
IN
SET
=
+
−
()
+
+
10
20
1
1
1
••
•
(1)
When VIN = V+, the output frequency of the LTC6900
assumes the highest value and it is set by the parallel
combination of RIN and RSET. Also note, the output fre-
quency, fOSC, is independent of the value of VRES = (V+ –
VSET) so the accuracy of fOSC is within the data sheet limits.
When VIN is less than V+, and expecially when VIN ap-
proaches the ground potential, the oscillator frequency,
fOSC, assumes its lowest value and its accuracy is affected
by the change of VRES = (V+ – VSET). At 25°C VRES varies
by
±8%, assuming the variation of V+ is ±5%. The tem-
perature coefficient of VRES is 0.02%/°C.
By manipulating the algebraic relation for fOSC above, a
simple algorithm can be derived to set the values of
external resistors RSET and RIN, as shown in Figure 9.
1. Choose the desired value of the maximum oscillator
frequency, fOSC(MAX), occurring at maximum input volt-
age VIN(MAX) ≤ V+.
2. Set the desired value of the minimum oscillator fre-
quency, fOSC(MIN), occurring at minimum input voltage
VIN(MIN) ≥ 0.
3. Choose VRES = 1.1 and calculate the ratio of RIN/RSET
from the following:
R
R
VV
f
f
VV
V
f
f
IN
SET
IN MAX
OSC MAX
OSC MIN
IN MIN
RES
OSC MAX
OSC MIN
=
−
()−


−
()
()
−
−
++
()
()
()
()
()
()
1
1 (2)
Figure 9. Implementation of Concept Shown in Figure 8
Figure 8. Concept for Programming via Current Steering
V+
1
2
RSET
IPR
3
5
5V
V+
6900 F08
4
GND
LTC6900
0.1
µF
OPEN
SET
OUT
DIV
÷10
÷100
÷1
IRES
V+
1
2
RSET
VRES
RIN
VIN
3
5
5V
V+
6900 F09
4
GND
LTC6900
0.1
µF
fOSC
OPEN
SET
OUT
DIV
÷10
÷100
÷1
+
–
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com