Electronic Components Datasheet Search
  English  ▼

X  

LTC6900 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6900
Description  Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6900 Datasheet(HTML) 4 Page - Linear Technology

  LTC6900 Datasheet HTML 1Page - Linear Technology LTC6900 Datasheet HTML 2Page - Linear Technology LTC6900 Datasheet HTML 3Page - Linear Technology LTC6900 Datasheet HTML 4Page - Linear Technology LTC6900 Datasheet HTML 5Page - Linear Technology LTC6900 Datasheet HTML 6Page - Linear Technology LTC6900 Datasheet HTML 7Page - Linear Technology LTC6900 Datasheet HTML 8Page - Linear Technology LTC6900 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC6900
4
6900f
Output Resistance
vs Supply Voltage
SUPPLY VOLTAGE (V)
2.5
3.0
40
80
140
3.5
4.5
5.0
6900 G05
60
120
100
4.0
5.5
6.0
OUTPUT SINKING CURRENT
OUTPUT SOURCING CURRENT
TA = 25°C
LTC6900 Output Operating at
20MHz, VS = 5V
1V/DIV
12.5ns/DIV
6900 G06
1V/DIV
25ns/DIV
6900 G07
V+ = 5V, RSET = 10k, CL = 10pF
V+ = 3V, RSET = 20k, CL = 10pF
LTC6900 Output Operating at
10MHz, VS = 3V
TYPICAL PERFOR A CE CHARACTERISTICS
RSET (Ω)
1k
4
3
2
1
0
–1
–2
–3
–4
10k
100k
1M
6900 G01
TYPICAL LOW
TYPICAL HIGH
TA = 25°C
GUARANTEED LIMITS APPLY OVER
20k
Ω ≤ RSET ≤ 400kΩ
TEMPERATURE (
°C)
–40
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
6900 G02
–20
0
20
40
60
80
TYPICAL
LOW
RSET = 63.4k
÷1 OR ÷10 OR ÷100
TYPICAL
HIGH
OUTPUT FREQUENCY (Hz)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
6900 G03
1k
100k
1M
10k
10M
÷1, VA = 3V
÷1, VA = 5V
÷10
÷100
Frequency Variation vs RSET
Frequency Variation Over
Temperature
Peak-to-Peak Jitter vs Output
Frequency
OUTPUT FREQUENCY (Hz)
2.0
1.5
1.0
0.5
0
6900 G04
÷100, 3V ÷10, 3V ÷1, 3V
÷100, 5V
÷10, 5V
÷1, 5V
TA = 25°C
CL = 5pF
0
1k
10k
100k
1M
10M
Supply Current vs Output
Frequency
0V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com