Electronic Components Datasheet Search
  English  ▼

X  

DWX303 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # DWX303
Description  Dual Bias Resistor Transistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DWX303 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  DWX303 Datasheet HTML 1Page - First Silicon Co., Ltd DWX303 Datasheet HTML 2Page - First Silicon Co., Ltd DWX303 Datasheet HTML 3Page - First Silicon Co., Ltd DWX303 Datasheet HTML 4Page - First Silicon Co., Ltd DWX303 Datasheet HTML 5Page - First Silicon Co., Ltd DWX303 Datasheet HTML 6Page - First Silicon Co., Ltd DWX303 Datasheet HTML 7Page - First Silicon Co., Ltd DWX303 Datasheet HTML 8Page - First Silicon Co., Ltd DWX303 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
2015. 01. 28
4/29
Revision No : 0
DWX Series
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted, common for Q1 and Q2, − minus sign for Q1 (PNP) omitted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
−
−
100
nAdc
Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
−
−
500
nAdc
Emitter-Base Cutoff Current
(VEB = 6.0 V, IC
)
0
=
IEBO
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
0.5
0.2
0.1
0.2
0.9
1.9
4.3
2.3
1.5
0.18
0.13
0.2
mAdc
Collector-Base Breakdown Voltage (IC = 10 A, IE = 0)
V(BR)CBO
50
−
−
Vdc
Collector-Emitter Breakdown Voltage (Note 3) (IC = 2.0 mA, IB = 0)
V(BR)CEO
50
−
−
Vdc
3. Pulse Test: Pulse Width < 300 s, Duty Cycle < 2.0%
Figure 1. Derating Curve
300
200
150
100
50
0
−50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
R JA = 490°C/W
250
ALL DWX Series SERIES DEVICES
DWX302
DWX302
DWX302
DWX303
DWX304
DWX307
DWX311
DWX310
DWX323
DWX317
DWX301
DWX306
DWX308
DWX305



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com