Electronic Components Datasheet Search
  English  ▼

X  

DWX303 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # DWX303
Description  Dual Bias Resistor Transistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DWX303 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  DWX303 Datasheet HTML 1Page - First Silicon Co., Ltd DWX303 Datasheet HTML 2Page - First Silicon Co., Ltd DWX303 Datasheet HTML 3Page - First Silicon Co., Ltd DWX303 Datasheet HTML 4Page - First Silicon Co., Ltd DWX303 Datasheet HTML 5Page - First Silicon Co., Ltd DWX303 Datasheet HTML 6Page - First Silicon Co., Ltd DWX303 Datasheet HTML 7Page - First Silicon Co., Ltd DWX303 Datasheet HTML 8Page - First Silicon Co., Ltd DWX303 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
2015. 1. 28
1/29
SEMICONDUCTOR
TECHNICAL DATA
DWX Series
Revision No : 0
1
3
2
SOT-363/SC-88
6
4
5
The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network
consisting of two resistors; a series base resistor and a base–emitter resistor. These digital tran-
sistors are designed to replace a single device and its external resistor bias network. The BRT
eliminates these individual components by integrating them into a single device. In the
DWX Series , two complementary BRT devices are housed in the SOT–363 package
which is ideal for low power surface mount applications where board space is at a premium.
• Simplifies Circuit Design
• Reduces Board Space
• Reduces Component Count
• Pb-Free Package is available
Dual Bias Resistor Transistors
NPN and PNP Silicon Surface Mount
Transistors with Monolithic Bias Resistor Network
1
3
2
6
4
5
Q1
Q2
R1
R2
R1
R2
XX
MARKING DIAGRAM
3
1
2
6
4
5
DEVICE MARKING
INFORMATION
See specific marking information in
the device marking table on page 2 of
this data sheet.
xx = Device Marking
(See Page 2)
256 (Note 2.)
1.5 (Note 1.)
2.0 (Note 2.)
MAXIMUM RATINGS (T A = 25°C unless otherwise noted, common for Q 1 and Q 2, – minus sign for Q 1(PNP) omitted)
t
i
n
U
e
u
l
a
V
l
o
b
m
y
S
g
n
i
t
a
R
Collector-Base Voltage
V CBO
50
Vdc
Collector-Emitter Voltage
V CEO
50
Vdc
I
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
C
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
(One Junction Heated)
Symbol
Max
Unit
Total Device Dissipation
PD
187 (Note 1.)
mW
TA = 25°C
Derate above 25°C
mW/°C
Thermal Resistance –
R θ
JA
670 (Note 1.)
°C/W
)
.
2
e
t
o
N
(
0
9
4
t
n
e
i
b
m
A
-
o
t
-
n
o
i
t
c
n
u
J
Characteristic
(Both Junctions Heated)
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25°C
P D
250 (Note 1.)
385 (Note 2.)
2.0 (Note 1.)
3.0 (Note 2.)
mW
mW/°C
Thermal Resistance –
Junction-to-Ambient
R θJA
493 (Note 1.)
325 (Note 2.)
°C/W
Thermal Resistance –
Junction-to-Lead
R θJL
188 (Note 1.)
208 (Note 2.)
°C/W
Junction and Storage
Temperature
T J , T stg
–55 to +150
°C
1. FR–4 @ Minimum Pad
2. FR–4 @ 1.0 x 1.0 inch Pad


Similar Part No. - DWX303

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWX DOMINANT-DWX Datasheet
1Mb / 13P
Power DomiLED
DWX-HKG DOMINANT-DWX-HKG Datasheet
1Mb / 13P
High brightness surface mount LED using thin film technology
DWX-HKG DOMINANT-DWX-HKG Datasheet
1Mb / 14P
Power DomiLED
DWX-HKG DOMINANT-DWX-HKG_17 Datasheet
1Mb / 14P
Power DomiLED
DWX-LJG DOMINANT-DWX-LJG Datasheet
997Kb / 14P
High brightness surface mount LED
More results

Similar Description - DWX303

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
Dual Bias Resistor Transistors
logo
Leshan Radio Company
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_05 Datasheet
147Kb / 20P
Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Leshan Radio Company
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
Dual Bias Resistor Transistors
LMUN5132DW1T1G LRC-LMUN5132DW1T1G_15 Datasheet
352Kb / 12P
Dual Bias Resistor Transistors
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com