Electronic Components Datasheet Search
  English  ▼

X  

DWX303 Datasheet(PDF) 10 Page - First Silicon Co., Ltd

Part # DWX303
Description  Dual Bias Resistor Transistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DWX303 Datasheet(HTML) 10 Page - First Silicon Co., Ltd

Back Button DWX303 Datasheet HTML 6Page - First Silicon Co., Ltd DWX303 Datasheet HTML 7Page - First Silicon Co., Ltd DWX303 Datasheet HTML 8Page - First Silicon Co., Ltd DWX303 Datasheet HTML 9Page - First Silicon Co., Ltd DWX303 Datasheet HTML 10Page - First Silicon Co., Ltd DWX303 Datasheet HTML 11Page - First Silicon Co., Ltd DWX303 Datasheet HTML 12Page - First Silicon Co., Ltd DWX303 Datasheet HTML 13Page - First Silicon Co., Ltd DWX303 Datasheet HTML 14Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
2015. 01. 28
10/29
Revision No : 0
DWX Series
DWX Series
TYPICAL ELECTRICAL CHARACTERISTICS − DWX304 PNP TRANSISTOR
Figure 27. VCE(sat) versus IC
IC, COLLECTOR CURRENT (mA)
1
0
10
20
30
40
75°C
25°C
Figure 28. DC Current Gain
1000
100
10
0
0
1
0
1
1
IC, COLLECTOR CURRENT (mA)
−25
°C
Figure 29. Output Capacitance
Figure 30. Output Current versus Input Voltage
100
10
1
0
1
0
25°C
Vin, INPUT VOLTAGE (VOLTS)
−25
°C
50
0
10
20
30
40
1
0.8
0.6
0.4
0.2
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 31. Input Voltage versus Output Current
100
10
1
IC, COLLECTOR CURRENT (mA)
TA
°C
25°C
75°C
IC/IB = 10
TA
°C
25°C
TA
°C
f = 1 MHz
lE = 0 V
TA = 25°C
VO = 5 V
TA
°C
VO = 0.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com