Electronic Components Datasheet Search
  English  ▼

X  

VSP2264GSJR Datasheet(PDF) 59 Page - Texas Instruments

Part # VSP2264GSJR
Description  CCD SIGNAL PROCESSOR WITH TIMING GENERATOR FOR DIGITAL CAMERAS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP2264GSJR Datasheet(HTML) 59 Page - Texas Instruments

Back Button VSP2264GSJR Datasheet HTML 55Page - Texas Instruments VSP2264GSJR Datasheet HTML 56Page - Texas Instruments VSP2264GSJR Datasheet HTML 57Page - Texas Instruments VSP2264GSJR Datasheet HTML 58Page - Texas Instruments VSP2264GSJR Datasheet HTML 59Page - Texas Instruments VSP2264GSJR Datasheet HTML 60Page - Texas Instruments VSP2264GSJR Datasheet HTML 61Page - Texas Instruments VSP2264GSJR Datasheet HTML 62Page - Texas Instruments VSP2264GSJR Datasheet HTML 63Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 59 / 63 page
background image
Electrical Characteristics
53
SLES059—March 2003
VSP2264
5.2
Electrical Characteristics, All Specifications at TA = 25°C, All Power Supply
Voltages = 3 V, and Conversion Rate = 20 MHz (unless otherwise noted)
(continued)
PARAMETER
TEST CONDITIONS
VSP2267GSJ
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPTICAL BLACK CLAMP LOOP
Control DAC resolution
10
Bits
Optical black clamp level
Programmable range of clamp level
2
242
LSB
Optical black clamp level
OBCLP level at CODE = 1000
130
LSB
Minimum output current for control DAC
COB terminal
±0.15
µA
Maximum output current for control DAC
COB terminal
±153
µA
Loop time constant
CCOB = 0.1 µF
40.7
µs
Slew rate
CCOB = 0.1 µF, Saturated output current
of control DAC
1530
V/s
POWER SUPPLY
VCC
Supply voltage
3.0
3.3
3.6
V
Power dissipation (AFE)
N
l
ti
d
CCD l
d ( t
80
Power dissipation (TG+H, R driver)
Normal operation mode: no CCD load (at
3 V and 20 MHz)
50
mW
Power dissipation (total) without CCD load
3 V and 20 MHz)
130
mW
Power dissipation (total)
Standby plus power-save mode (at 3 V
and 20 MHz)
39
mW
Power dissi ation (total)
Master clock-off mode (at 3 V)
6
mW
TEMPERATURE RANGE
Operation temperature
–25
85
°C
Rth
Thermal resistance
37
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com