Electronic Components Datasheet Search
  English  ▼

X  

0920122 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 0920122
Description  Fuse modular terminal block - USIG BU
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0920122 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 0920122 Datasheet HTML 2Page - PHOENIX CONTACT 0920122 Datasheet HTML 3Page - PHOENIX CONTACT 0920122 Datasheet HTML 4Page - PHOENIX CONTACT 0920122 Datasheet HTML 5Page - PHOENIX CONTACT 0920122 Datasheet HTML 6Page - PHOENIX CONTACT 0920122 Datasheet HTML 7Page - PHOENIX CONTACT 0920122 Datasheet HTML 8Page - PHOENIX CONTACT 0920122 Datasheet HTML 9Page - PHOENIX CONTACT 0920122 Datasheet HTML 10Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
https://www.phoenixcontact.com/us/produkte/0920122
11.06.2012   Page 6 / 10
Fuse modular terminal block - USIG BU - 0920122
Accessories
DIN rail - NS 35/15-2,3 UNPERF 2000MM - 1201798
DIN rail, material: Steel, unperforated, 2.3 mm thick, height 15 mm, width 35 mm, length: 2 m
 
 
DIN rail, unperforated - NS 35/15 AL UNPERF 2000MM - 1201756
DIN rail, deep drawn, high profile, unperforated, 1.5 mm thick, material: aluminum, height 15 mm, width 35
mm, length 2000 mm
 
 
DIN rail perforated - NS 35/15 PERF 2000MM - 1201730
DIN rail, material: steel galvanized and passivated with a thick layer, perforated, height 15 mm, width 35
mm, length: 2000 mm
 
 
End clamp - CLIPFIX 35 - 3022218
Snap-on end bracket, for 35 mm NS 35/7.5 or NS 35/15 DIN rail, can be fitted with Zack strip ZB 8 and ZB
8/27, terminal strip marker KLM 2 and KLM, width: 9.5 mm, color: gray
 
 
End clamp - E/UK - 1201442
End clamp, for assembly on NS 32 or NS 35/7.5 DIN rail
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com