Electronic Components Datasheet Search
  English  ▼

X  

0920122 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0920122
Description  Fuse modular terminal block - USIG BU
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0920122 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0920122 Datasheet HTML 1Page - PHOENIX CONTACT 0920122 Datasheet HTML 2Page - PHOENIX CONTACT 0920122 Datasheet HTML 3Page - PHOENIX CONTACT 0920122 Datasheet HTML 4Page - PHOENIX CONTACT 0920122 Datasheet HTML 5Page - PHOENIX CONTACT 0920122 Datasheet HTML 6Page - PHOENIX CONTACT 0920122 Datasheet HTML 7Page - PHOENIX CONTACT 0920122 Datasheet HTML 8Page - PHOENIX CONTACT 0920122 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
https://www.phoenixcontact.com/us/produkte/0920122
11.06.2012   Page 2 / 10
Fuse modular terminal block - USIG BU - 0920122
Technical data
Technical data
Insulating material group
I
Nominal current IN
10 A
Nominal voltage UN
500 V (As a fuse terminal block)
Nominal voltage UN
500 V (As a disconnect terminal block)
Connection data
Conductor cross section solid min.
0.5 mm²
Conductor cross section solid max.
16 mm²
Conductor cross section stranded min.
0.5 mm²
Conductor cross section stranded max.
16 mm²
Conductor cross section AWG/kcmil min.
20
Conductor cross section AWG/kcmil max
6
Conductor cross section stranded, with ferrule without plastic
sleeve min.
0.5 mm²
Conductor cross section stranded, with ferrule without plastic
sleeve max.
16 mm²
Conductor cross section stranded, with ferrule with plastic sleeve
min.
0.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve
max.
10 mm²
2 conductors with same cross section, solid min.
0.5 mm²
2 conductors with same cross section, solid max.
4 mm²
2 conductors with same cross section, stranded min.
0.5 mm²
2 conductors with same cross section, stranded max.
6 mm²
2 conductors with same cross section, stranded, ferrules without
plastic sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded, ferrules without
plastic sleeve, max.
6 mm²
2 conductors with same cross section, stranded, TWIN ferrules
with plastic sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded, TWIN ferrules
with plastic sleeve, max.
6 mm²
Cross section with insertion bridge, solid max.
16 mm²
Cross section with insertion bridge, stranded max.
16 mm²
Connection method
Screw connection
Stripping length
13 mm
Internal cylindrical gage
A5
Screw thread
M4
Tightening torque, min
1.5 Nm
Tightening torque max
1.8 Nm
Classifications
eclass
eCl@ss 4.0
27141116
eCl@ss 4.1
27141116



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com