Electronic Components Datasheet Search
  English  ▼

X  

0920122 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 0920122
Description  Fuse modular terminal block - USIG BU
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0920122 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 0920122 Datasheet HTML 2Page - PHOENIX CONTACT 0920122 Datasheet HTML 3Page - PHOENIX CONTACT 0920122 Datasheet HTML 4Page - PHOENIX CONTACT 0920122 Datasheet HTML 5Page - PHOENIX CONTACT 0920122 Datasheet HTML 6Page - PHOENIX CONTACT 0920122 Datasheet HTML 7Page - PHOENIX CONTACT 0920122 Datasheet HTML 8Page - PHOENIX CONTACT 0920122 Datasheet HTML 9Page - PHOENIX CONTACT 0920122 Datasheet HTML 10Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
https://www.phoenixcontact.com/us/produkte/0920122
11.06.2012   Page 7 / 10
Fuse modular terminal block - USIG BU - 0920122
Accessories
Partition plate - ATS-GSK - 0304227
Partition plate, Length: 59.5 mm, Width: 0.8 mm, Height: 58 mm, Color: gray
 
 
Bridges
Insertion bridge - EB 2-10 - 0203153
Insertion bridge, Number of positions: 2, Color: gray
 
 
Insertion bridge - EB 10-10 - 0203137
Insertion bridge, Number of positions: 10, Color: gray
 
 
Marking
Marker cards - SBS10:UNBEDRUCKT - 1007248
Marker cards, Card, white, Unlabeled, Can be labeled with: Plotter, Perforated, Mounting type: Snap into tall
marker groove, Snap into flat marker groove, For terminal block width: 10 mm
 
 
Zack marker strip - ZB 10 CUS - 0824941
Zack marker strip, Strip, white, Labeled according to customer specifications, Mounting type: Snap into tall
marker groove, For terminal block width: 10.2 mm, Lettering field: 10.15 x 10.5 mm
 
 
Plug/Adapter



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com