Electronic Components Datasheet Search
  English  ▼

X  

1960013 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1960013
Description  UKB 4-FS/FS(4-2,8-0,8)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1960013 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1960013 Datasheet HTML 1Page - PHOENIX CONTACT 1960013 Datasheet HTML 2Page - PHOENIX CONTACT 1960013 Datasheet HTML 3Page - PHOENIX CONTACT 1960013 Datasheet HTML 4Page - PHOENIX CONTACT 1960013 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UKB 4-FS/FS(4-2,8-0,8) Order No.: 1960013
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1960013
PHOENIX CONTACT Deutschland GmbH
Page 3 / 5
http://www.phoenixcontact.de
Feb 24, 2011
1960107
D-UKB 4
End cover, Length: 48 mm, Width: 1.5 mm, Height: 44 mm,
Color: gray
1201442
E/UK
End clamp, for assembly on NS 32 or NS 35/7.5 DIN rail
1201028
NS 32 AL UNPERF 2000MM
G rail 32 mm (NS 32)
1201280
NS 32 CU/120QMM UNPERF
2000MM
G-profile DIN rail, deep-drawn, material: Copper, unperforated,
height 15 mm, width 32 mm, length 2 m
1201358
NS 32 CU/35QMM UNPERF
2000MM
G-profile DIN rail, material: Copper, unperforated, height 15 mm,
width 32 mm, length 2 m
1201002
NS 32 PERF 2000MM
G-profile DIN rail, material: Steel, perforated, height 15 mm, width
32 mm, length 2 m
1201015
NS 32 UNPERF 2000MM
G-profile DIN rail, material: Steel, unperforated, height 15 mm,
width 32 mm, length 2 m
0801762
NS 35/ 7,5 CU UNPERF
2000MM
DIN rail, material: Copper, unperforated, height 7.5 mm, width 35
mm, length: 2 m
0801733
NS 35/ 7,5 PERF 2000MM
DIN rail, material: Steel, galvanized and passivated with a thick
layer, perforated, height 7.5 mm, width 35 mm, length: 2 m
0801681
NS 35/ 7,5 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 7.5 mm, width 35
mm, length: 2 m
1201756
NS 35/15 AL UNPERF 2000MM
DIN rail, deep-drawn, high profile, unperforated, 1.5 mm thick,
material: Aluminum, height 15 mm, width 35 mm, length 2 m
1201895
NS 35/15 CU UNPERF 2000MM DIN rail, material: Copper, unperforated, 1.5 mm thick, height 15
mm, width 35 mm, length: 2 m
1201730
NS 35/15 PERF 2000MM
DIN rail, material: Steel, perforated, height 15 mm, width 35 mm,
length: 2 m
1201714
NS 35/15 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 15 mm, width 35
mm, length: 2 m
1201798
NS 35/15-2,3 UNPERF 2000MM DIN rail, material: Steel, unperforated, 2.3 mm thick, height 15
mm, width 35 mm, length: 2 m
1302215
TS-K
Separating plate, Length: 22 mm, Height: 22 mm, Color: gray
Bridges
0203250
FBI 10- 6
Fixed bridge, Number of positions: 10, Color: silver
0201650
FBI 100- 6
Fixed bridge, Number of positions: 100, Color: aluminum
0201867
FBI 20- 6
Fixed bridge, Number of positions: 20, Color: aluminum
1302338
IS-K 4
Bridge bar isolator, Color: gray
0301505
ISSBI 10- 6
Bridge bar isolator, Number of positions: 10, Color: silver
Marking
1007222
SBS 6:UNBEDRUCKT
Marker cards for modular terminal blocks, color: white
1050499
ZB 6:SO/CMS
Zack strip, 10-section, divisible, special printing, marking
according to customer requirements



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com