Electronic Components Datasheet Search
  English  ▼

X  

1960013 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1960013
Description  UKB 4-FS/FS(4-2,8-0,8)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1960013 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1960013 Datasheet HTML 1Page - PHOENIX CONTACT 1960013 Datasheet HTML 2Page - PHOENIX CONTACT 1960013 Datasheet HTML 3Page - PHOENIX CONTACT 1960013 Datasheet HTML 4Page - PHOENIX CONTACT 1960013 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 24, 2011
Extract from the online
catalog
 
UKB 4-FS/FS(4-2,8-0,8)
Order No.: 1960013
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1960013
 
 
Feed-through modular terminal block, Type of connection: Special
and hybrid connection, Width: 6.2 mm, Color: gray, Mounting type: NS
35/7.5, NS 35/15, NS 32
 
Commercial data
GTIN (EAN)
4
017918
052607
sales group
A001
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 340 (CL-2005)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Number of levels
1
Number of connections
2
Color
gray


Similar Part No. - 1960013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
196001300 MOLEX-196001300 Datasheet
47Kb / 3P
Hand Crimp Tool
Jun 13, 2025
196001302 MOLEX-196001302 Datasheet
47Kb / 3P
Hand Crimp Tool
Jun 13, 2025
196001304 MOLEX-196001304 Datasheet
47Kb / 3P
Hand Crimp Tool
Jun 13, 2025
196001306 MOLEX4-196001306 Datasheet
130Kb / 3P
Avikrimp??Fully Insulated Female Quick Disconnect
196001307 MOLEX4-196001307 Datasheet
130Kb / 3P
Avikrimp??Fully Insulated Female Quick Disconnect
More results

Similar Description - 1960013

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0271017 PHOENIX-0271017 Datasheet
147Kb / 11P
Feed-through terminal block - USK 4-FS/FS(8-2,8-0,8)
0852012 PHOENIX-0852012 Datasheet
146Kb / 12P
Feed-through terminal block - VBST 4-FS(6-2,8-0,8)
1953017 PHOENIX-1953017 Datasheet
121Kb / 5P
UVKB 4-FS/FS(8-2,8-0,8)
1954016 PHOENIX-1954016 Datasheet
128Kb / 6P
UVKB 4-FS(6-2,8-0,8)
1960026 PHOENIX-1960026 Datasheet
134Kb / 12P
Feed-through terminal block - UKB 4-FS(2-2,8-0,8)
2017224 PHOENIX-2017224 Datasheet
120Kb / 5P
UHK 4-FS/FS(12-2,8-0,8)
2017237 PHOENIX-2017237 Datasheet
137Kb / 6P
UHK 4-FS(8-2,8-0,8)
3070435 PHOENIX-3070435 Datasheet
76Kb / 6P
Feed-through terminal block - VBSTB 4-FS (6-2,8-0,8)
0851013 PHOENIX-0851013 Datasheet
159Kb / 13P
Feed-through terminal block - VBST 4-FS/FS(8-2,8-0,8)
09/12/2020
0852067 PHOENIX-0852067 Datasheet
178Kb / 15P
Feed-through terminal block - VBST 4-FS(6-2,8-0,8)ST4
09/11/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com