Electronic Components Datasheet Search
  English  ▼

X  

1960013 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1960013
Description  UKB 4-FS/FS(4-2,8-0,8)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1960013 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1960013 Datasheet HTML 1Page - PHOENIX CONTACT 1960013 Datasheet HTML 2Page - PHOENIX CONTACT 1960013 Datasheet HTML 3Page - PHOENIX CONTACT 1960013 Datasheet HTML 4Page - PHOENIX CONTACT 1960013 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UKB 4-FS/FS(4-2,8-0,8) Order No.: 1960013
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1960013
PHOENIX CONTACT Deutschland GmbH
Page 2 / 5
http://www.phoenixcontact.de
Feb 24, 2011
Insulating material
PA
Inflammability class acc. to UL 94
V2
Dimensions
Width
6.2 mm
Length
48 mm
Height NS 35/7.5
44 mm
Height NS 35/15
51.5 mm
Height NS 32
49 mm
Technical data
Maximum load current
20 A (dependent on the slip-on connection sleeve)
Rated surge voltage
8 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Nominal current IN
20 A (dependent on the slip-on connection sleeve)
Nominal voltage UN
800 V (dependent on the slip-on connection sleeve)
Open side panel
ja
Connection data
Type of connection
Special and hybrid connection
Slip-on connection
6.3/2.8 x 0.8 mm
Certificates / Approvals
Certification
GOST
Accessories
Item
Designation
Description
Assembly
3022218
CLIPFIX 35
Snap-on end bracket, for 35 mm NS 35/7.5 or NS 35/15 DIN
rail, can be fitted with Zack strip ZB 8 and ZB 8/27, terminal strip
marker KLM 2 and KLM, width: 9.5 mm, color: gray



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com