Electronic Components Datasheet Search
  English  ▼

X  

UMC2N Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # UMC2N
Description  DIGITAL TRANSISTOR (NPNPNP)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

UMC2N Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  UMC2N Datasheet HTML 1Page - First Silicon Co., Ltd UMC2N Datasheet HTML 2Page - First Silicon Co., Ltd UMC2N Datasheet HTML 3Page - First Silicon Co., Ltd UMC2N Datasheet HTML 4Page - First Silicon Co., Ltd UMC2N Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2017. 08. 30
4/5
Revision No : 0
UMC2N
Min
Max
Min
Max
A
0 900
1.100
0.035
0 043
A1
0 000
0.100
0.000
0 004
A2
0 900
1.000
0.035
0 039
b
0.150
0.350
0.006
0 014
c
0.100
0.150
0.004
0.006
D
2 000
2.200
0.079
0 087
E
1.150
1.350
0.045
0 053
E1
2.150
2.400
0.085
0 094
e
e1
1 200
1.400
0.047
0 055
L
L1
0 260
0.460
0.010
0 018
θ
0°
8°
0°
8°
0 525 REF
0.021 REF
Symbol
Dimensions In Millimeters
Dimensions In Inches
0.650 TYP
0 026 TYP
SOT-353 Package Outline Dimensions
SOT-353 Suggested Pad Layout



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com