Electronic Components Datasheet Search
  English  ▼

X  

UMC2N Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # UMC2N
Description  DIGITAL TRANSISTOR (NPNPNP)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

UMC2N Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  UMC2N Datasheet HTML 1Page - First Silicon Co., Ltd UMC2N Datasheet HTML 2Page - First Silicon Co., Ltd UMC2N Datasheet HTML 3Page - First Silicon Co., Ltd UMC2N Datasheet HTML 4Page - First Silicon Co., Ltd UMC2N Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2017. 08. 30
2/5
Revision No : 0
UMC2N
0.4
0.8
1.2
1.6
2.0
0.01
0.1
1
10
0
0
1
0
1
1
1
.
0
0.1
1
10
100
0
0
1
0
1
1
10
100
1000
0
25
50
75
100
125
150
0
50
100
150
200
04
8
12
16
20
0
2
4
6
8
10
0
0
1
0
1
1
1
.
0
1
10
100
1000
T
a=100
℃
T
a=25
℃
OFF Characteristics
3
0.3
0.03
V
CC=5V
NPUT VOLTAGE V
I(OFF)
(V)
30
3
0.3
T
a=100
℃
ON Characteristics
T
a=25
℃
V
O=0 2V
3
0.3
30
OUTPUT CURRENT I
O
(mA)
T
a=25
℃
T
a=100
℃
300
30
30
3
V
O(ON) ——
I
O
I
O/II=20
OUTPUT CURRENT I
O
(mA)
NPN
P
D
—— T
a
AMBIENT TEMPERATURE T
a
( )
℃
f=1MHz
T
a=25
℃
C
O
—— V
R
REVERSE BIAS VOLTAGE V
R
(V)
T
a=100
℃
T
a=25
℃
30
V
O=5V
300
3
3
0.3
30
G
I
—— I
O
OUTPUT CURRENT I
O
(mA)
5
Typical Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com