Electronic Components Datasheet Search
  English  ▼

X  

UMC2N Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # UMC2N
Description  DIGITAL TRANSISTOR (NPNPNP)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

UMC2N Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  UMC2N Datasheet HTML 1Page - First Silicon Co., Ltd UMC2N Datasheet HTML 2Page - First Silicon Co., Ltd UMC2N Datasheet HTML 3Page - First Silicon Co., Ltd UMC2N Datasheet HTML 4Page - First Silicon Co., Ltd UMC2N Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2017. 08. 30
3/5
Revision No : 0
UMC2N
0
1
-
1
-
1
.
0
-
-0.1
-1
-10
-100
-0.0
-0.4
-0.8
-1.2
-1.6
-2.0
-0.01
-0.1
-1
-10
0
0
1
-
0
1
-
1
-
1
.
0
-
1
10
100
1000
-0
-4
-8
-12
-16
-20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
1
-
1
-
-10
-100
-1000
0
25
50
75
100
125
150
0
50
100
150
200
ON Characteristics
T
a=25
℃
T
a=100
℃
V
O=-0 2V
-3
-0.3
-30
OUTPUT CURRENT I
O
(mA)
OFF Characteristics
T
a=100
℃
T
a=25
℃
-3
-0.3
-0.03
V
CC=-5V
NPUT VOLTAGE V
I(OFF)
(V)
-0.3
-3
-30
30
T
a=25
℃
T
a=100
℃
V
O=-5V
300
3
-3
-0.3
-30
G
I
—— I
O
OUTPUT CURRENT I
O
(mA)
f=1MHz
T
a=25
℃
C
O
—— V
R
REVERSE BIAS VOLTAGE V
R
(V)
-300
-30
-30
-3
V
O(ON) ——
I
O
T
a=25
℃
T
a=100
℃
I
O/II=20
OUTPUT CURRENT I
O
(mA)
P
D
—— T
a
AMBIENT TEMPERATURE T
a
( )
℃
PNP
Typical Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com