Electronic Components Datasheet Search
  English  ▼

X  

FDR0530 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDR0530
Description  Surface Mount Schottky Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR0530 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDR0530 Datasheet HTML 1Page - First Silicon Co., Ltd FDR0530 Datasheet HTML 2Page - First Silicon Co., Ltd FDR0530 Datasheet HTML 3Page - First Silicon Co., Ltd FDR0530 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Pb-Free package is available
SOD–123
Surface Mount Schottky Power Rectifier
Device
Package
Shipping†
ORDERING INFORMATION
(Pb−Free)
3000/T
ape & Reel
(Pb−Free)
10,000/T
ape & Reel
FDR0530T1G
SOD−123
FDR0530T3G
SOD−123
Features
• Guardring for Stress Protection
• Low Forward Voltage
• 125°C Operating Junction Temperature
• Epoxy Meets UL 94, V−0 @ 0.125 in
• Package Designed for Optimal Automated Board Assembly
• Pb−Free Packages are Available
Mechanical Characteristics
•
• Polarity Designator: Cathode Band
• Weight: 11.7 mg (approximately)
• Case: Epoxy, Molded
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
P
eak Repetitive Reverse Voltage
W
orking Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
A
verage Rectified Forward Current
(Rat
ed VR, TL = 100 C)
IF(AV)
0.5
A
Non−Repetitive Peak Surge Current
(S
urge Applied at Rated Load Conditions
Halfwave, Single Phase, 60 Hz)
IFSM
5.5
A
Storage Temperature Range
Tstg
−65 to +150
C
O
perating Junction Temperature
TJ
−65 to +125
C
V
oltage Rate of Change (Rated VR)
dv/dt
1000
V/
s
ES
D Rating:
Machine Model = C
Human Body Model = 3B
> 400
> 8000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
area
metal−to−silicon power diode. Ideally suited for low voltage,
high frequency rectification or as free wheeling and polarity
protection diodes in surface mount applications where compact size
and weight are critical to the system. This package also provides an
easy to work with alternative to leadless 34 package style. These
state−of−the−artdevices have the following features:
The FDR0530 uses the Schottky Barrier principle with a large
Reel Options: FDR0530T1G
= 3,000 per 7 in reel/8 mm tape
FDR0530T3G
= 10,000 per 13 in reel/8 mm tape
• Device Marking:B3
SEMICONDUCTOR
TECHNICAL DATA
FDR0530
2009. 8. 18
1/4
Revision No : 0


Similar Part No. - FDR0530

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDR0520 FS-FDR0520 Datasheet
123Kb / 3P
Surface Mount Schottky Power Rectifier
FDR0520E FS-FDR0520E Datasheet
583Kb / 4P
SCHOTTKY BARRIER DIODE
FDR0540 FS-FDR0540 Datasheet
332Kb / 5P
Surface Mount Schottky Power Rectifier
More results

Similar Description - FDR0530

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
MBRA210ET3 ONSEMI-MBRA210ET3_08 Datasheet
100Kb / 5P
Surface Mount Schottky Power Rectifier
August, 2008 ??Rev. 6
MBRS3100T3G ONSEMI-MBRS3100T3G Datasheet
97Kb / 4P
Surface Mount Schottky Power Rectifier
October, 2010 ??Rev. 3
SBR80520LT1G ONSEMI-SBR80520LT1G Datasheet
152Kb / 4P
Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 6
NRVBS3200T3G ONSEMI-NRVBS3200T3G Datasheet
96Kb / 4P
Surface Mount Schottky Power Rectifier
June, 2012 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com