Electronic Components Datasheet Search
  English  ▼

X  

FDR0530 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FDR0530
Description  Surface Mount Schottky Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR0530 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FDR0530 Datasheet HTML 1Page - First Silicon Co., Ltd FDR0530 Datasheet HTML 2Page - First Silicon Co., Ltd FDR0530 Datasheet HTML 3Page - First Silicon Co., Ltd FDR0530 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
0.875
0
LEAD TEMPERATURE (°C)
Figure 4. Current Derating (Lead)
0
3
1
8
8
1
8
4
7
7
6
95
0.75
0.625
0.5
60
0.125
0.25
0.375
123
116
109
102
DC
SQUARE WAVE
=
= 5
= 10
Ipk/Iav = 20
0.35
0.315
0
IF(AV) , AVERAGE FORWARD CURRENT (AMP)
Figure 5. Power Dissipation
8
.
0
4
.
0
3
.
0
2
.
0
1
.
0
0.5
0.28
0.245
0.21
0
0.105
0.14
0.175
0.7
0.6
DC
SQUARE WAVE
=
= 5
= 10
Ipk/Iav = 20
0.07
0.035
TJ = 125°C
FDR0530
2009. 8. 18
3/4
Revision No : 0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com