Electronic Components Datasheet Search
  English  ▼

X  

FDR0530 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDR0530
Description  Surface Mount Schottky Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR0530 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDR0530 Datasheet HTML 1Page - First Silicon Co., Ltd FDR0530 Datasheet HTML 2Page - First Silicon Co., Ltd FDR0530 Datasheet HTML 3Page - First Silicon Co., Ltd FDR0530 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Resistance − Junction−to−Ambient (Note 1)
R JA
206
°
C/W
Thermal Resistance − Junction−to−Lead
R JL
150
°
C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 2)
(iF = 0.1 Amps, TJ = 25°C)
(iF = 0.5 Amps, TJ = 25°C)
vF
0.375
0.45
V
Maximum Instantaneous Reverse Current (Note 2)
(Rated DC Voltage, TC = 25°C)
(VR = 15 V, TC = 25°C)
IR
130
20
A
1. 1 inch square pad size (1 x 0.5 inch for each lead) on FR4 board.
2. Pulse Test: Pulse Width = 300 s, Duty Cycle ≤2%.
1
0.1
0.01
0.15
vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
104
1000
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Typical Reverse Current
5
10
15
20
30
35
40
25
100
10
1
0
TJ =125°C
75°C
25°C
°C
75°C
25°C
180
160
20
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Typical Capacitance
5
10
15
20
30
25
140
120
100
0
TYPICAL CAPACITANCE AT 0 V = 170 pF
40
60
80
TJ =125°C
Minimum Reverse Breakdown Voltage
(iR = 130
v(BR)R
30
V
A)
FDR0530
2009. 8. 18
2/4
Revision No : 0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com