Electronic Components Datasheet Search
  English  ▼

X  

UPD16878 Datasheet(PDF) 28 Page - NEC

Part # UPD16878
Description  MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16878 Datasheet(HTML) 28 Page - NEC

Back Button UPD16878 Datasheet HTML 24Page - NEC UPD16878 Datasheet HTML 25Page - NEC UPD16878 Datasheet HTML 26Page - NEC UPD16878 Datasheet HTML 27Page - NEC UPD16878 Datasheet HTML 28Page - NEC UPD16878 Datasheet HTML 29Page - NEC UPD16878 Datasheet HTML 30Page - NEC UPD16878 Datasheet HTML 31Page - NEC UPD16878 Datasheet HTML 32Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Data Sheet S15974EJ1V0DS
28
µµµµPD16878
7. PACKAGE DRAWING
38
20
119
S
S
A
F
G
E
C
D
N
P
L
J
H
I
K
B
detail of lead end
M
M
ITEM
B
C
I
L
M
N
38-PIN PLASTIC SSOP (7.62 mm (300))
A
D
E
F
G
H
J
P
MILLIMETERS
0.65 (T.P.)
0.65 MAX.
0.10
0.6
±0.2
5.6
±0.2
0.10
12.7
±0.3
0.125
±0.075
0.37
1.675
±0.125
7.7
±0.2
1.55
+0.05
−0.1
1.05
±0.2
3
°+7°
−3°
NOTE
Each lead centerline is located within 0.10 mm of
its true position (T.P.) at maximum material condition.
K
0.2+
0.1
−0.05
P38GS-65-BGG-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com