Electronic Components Datasheet Search
  English  ▼

X  

UPD16878 Datasheet(PDF) 6 Page - NEC

Part # UPD16878
Description  MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16878 Datasheet(HTML) 6 Page - NEC

Back Button UPD16878 Datasheet HTML 2Page - NEC UPD16878 Datasheet HTML 3Page - NEC UPD16878 Datasheet HTML 4Page - NEC UPD16878 Datasheet HTML 5Page - NEC UPD16878 Datasheet HTML 6Page - NEC UPD16878 Datasheet HTML 7Page - NEC UPD16878 Datasheet HTML 8Page - NEC UPD16878 Datasheet HTML 9Page - NEC UPD16878 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
RESET
OSCIN
OSCOUT
VD
VREF
x2
SCLK SDATA LATCH
SERIAL-PARARELLE DECODER
PULSE GENERATER
EVR1
1/N
SELECTOR
VM
VM
VM
VM
FILTER
FILTER
FILTER
FILTER
OSC
REGULATOR
EVR2
CURRENT SET
EVR1 EVR2
CURRENT SET
EXTOUT SELECTOR
EXP0 EXP1 EXP2 EXP3
VDD
VM1
VM2
VM3
VM4
COSC
LGND
PGND
FBA
A1
FBB
FBC
FBD
FILD
D2
D1
FILC
C2
C1
FILB
B2
B1
FILA
MOTOR 1
MOTOR 2
A2
EXTβ
EXTα
+
–
+
H BRIDGE
1ch
H BRIDGE
2ch
H BRIDGE
1ch
H BRIDGE
2ch
CPU
250 mV
EVR : 1010
fOSC : 64 kHz
100 k
Ω x 4
4 MHz
3.3 V
33 pF
BATTERY
4.8 to 11 V
6.8
Ω x 2
1000 pF x 2
1000 pF
1000 pF
6.8
Ω
6.8
Ω
β
α
β
β
α
α
+
–
+
+
–
+
+
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com