Electronic Components Datasheet Search
  English  ▼

X  

UPD16878 Datasheet(PDF) 7 Page - NEC

Part # UPD16878
Description  MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16878 Datasheet(HTML) 7 Page - NEC

Back Button UPD16878 Datasheet HTML 3Page - NEC UPD16878 Datasheet HTML 4Page - NEC UPD16878 Datasheet HTML 5Page - NEC UPD16878 Datasheet HTML 6Page - NEC UPD16878 Datasheet HTML 7Page - NEC UPD16878 Datasheet HTML 8Page - NEC UPD16878 Datasheet HTML 9Page - NEC UPD16878 Datasheet HTML 10Page - NEC UPD16878 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet S15974EJ1V0DS
7
µµµµPD16878
4. STANDARD CHARACTERISTICS CURVES
PT vs. TA Characteristics
IMO (RESET) vs. VM Characteristics
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
Ambient Temperature TA (
°C)
80
100
120
125
°C/W
1
0.8
0.6
0.4
0.2
0
468
Output Circuit Supply Voltage VM (V)
10
12
TA = 25
°C,
no load,
after reset
IDD vs. VDD Characteristics
5
4
3
2
1
0
234
Control Circuit Supply Volage VDD (V)
56
IDD (RESET) vs. VDD Characteristics
200
150
100
50
0
234
Control Circuit Supply Volage VDD (V)
56
TA = 25
°C,
operating,
output open
VIH/VDD, VIL/VDD vs. VDD Characteristics
1
0.8
0.6
0.4
0.2
0
234
Control Circuit Supply Volage VDD (V)
56
TA = 25
°C
VIL
TA = 25
°C,
after reset
VIH
IIH/IIL vs. VIN Characteristics
60
40
20
0
234
Input Voltage VIN (V)
56
TA = 25
°C,
IIH: VIN = VDD,
IIL: VIN = 0 V
IIL
IIH
20
40
60
–10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com