Electronic Components Datasheet Search
  English  ▼

X  

EX4200 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # EX4200
Description  EX4200 ETHERNET SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EX4200 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button EX4200 Datasheet HTML 5Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 6Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 7Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 8Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 9Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 10Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 11Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 12Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
Corporate and Sales Headquarters
Juniper Networks, Inc.
1133 Innovation Way
Sunnyvale, CA 94089 USA
Phone: 888.JUNIPER (888.586.4737)
or +1.408.745.2000
www.juniper.net
Copyright 2019 Juniper Networks, Inc. All rights reserved. Juniper Networks, the Juniper Networks logo, Juniper, and Junos are registered trademarks of Juniper Networks, Inc. in the
United States and other countries. All other trademarks, service marks, registered marks, or registered service marks are the property of their respective owners. Juniper Networks
assumes no responsibility for any inaccuracies in this document. Juniper Networks reserves the right to change, modify, transfer, or otherwise revise this publication without notice.
APAC and EMEA Headquarters
Juniper Networks International B.V.
Boeing Avenue 240
1119 PZ Schiphol-Rijk
Amsterdam, The Netherlands
Phone: +31.0.207.125.700
1000215-026-EN Feb 2019
EXPLORE JUNIPER
Get the App.
EX4200 Ethernet Switch
Product Number
Description
EX-SFP-1FE-LX40K
SFP 100BASE-LX; LC connector; 1310nm; 40km reach
on single-mode fiber
EX-SFP-1FE-LH
SFP 100BASE-LX; LC connector; 1310nm; 80km reach
on single-mode fiber
EX-SFP-
FE20KT13R15
SFP 100BASE-BX; LC connector; TX 1310nm/
RX 1550nm; 20km reach on single-strand,
single-mode fiber
EX-SFP-
FE20KT15R13
SFP 100BASE-BX; LC connector; TX 1550nm/ RX
1310nm; 20km reach on single-strand,
single-mode fiber
EX-SFP-1GE-T
SFP 10/100/1000BASE-T copper; RJ-45 connector;
100m reach on UTP
EX-SFP-1GE-SX
SFP 1000BASE-SX; LC connector; 850nm;
550m reach on multimode fiber
EX-SFP-1GE-LX
SFP 1000BASE-LX; LC connector; 1310nm;
10km reach on single-mode fiber
EX-SFP-
GE10KT13R14
SFP 1000BASE-BX; Tx 1310nm/Rx 1490nm
for 10km transmission on single-strand,
single-mode fiber
EX-SFP-
GE10KT13R15
SFP 1000BASE-BX; Tx 1310nm/Rx 1550nm
for 10km transmission on single-strand,
single-mode fiber
EX-SFP-
GE10KT14R13
SFP 1000BASE-BX; Tx 1490nm/Rx 1310nm
for 10km transmission on single-strand,
single-mode fiber
EX-SFP-
GE10KT15R13
SFP 1000BASE-BX; Tx 1550nm/Rx 1310nm
for 10km transmission on single-strand,
single-mode fiber
EX-SFP-1GE-LX40K
SFP 1000BASE-LX; LC connector; 1310nm;
40km reach on single-mode fiber
EX-SFP-
GE40KT13R15
SFP 1000BASE-BX; Tx 1310nm/Rx 1550nm
for 40km transmission on single-strand,
single-mode fiber
EX-SFP-
GE40KT15R13
SFP 1000BASE-BX; Tx 1550nm/Rx 1310nm
for 40km transmission on single-strand,
single-mode fiber
EX-SFP-1GE-LH
SFP 1000BASE-LH; LC connector; 1550nm;
70km reach on single-mode fiber
EX-XFP-10GE-SR
XFP 10GBASE-SR; LC connector; 850nm; 300m reach
on 50 microns multimode fiber; 33m on 62.5 microns
multimode fiber
EX-XFP-10GE-LR
XFP 10GBASE-LR; LC connector; 1310nm; 10km reach
on single-mode fiber
Product Number
Description
EX-XFP-10GE-ER
XFP 10GBASE-ER; LC connector; 1550nm;
40km reach on single-mode fiber
EX-XFP-10GE-ZR
XFP 10GBASE-ZR; LC connector; 1550nm;
80km reach on single-mode fiber
EX-SFP-10GE-SR
SFP+ 10GBASE-SR; LC connector; 850nm; 300m reach
on 50 microns multimode fiber; 33m on 62.5 microns
multimode fiber
EX-SFP-10GE-LRM
SFP+ 10GBASE-LRM; LC connector; 1310nm; 220m
reach on multimode fiber
EX-SFP-10GE-LR
SFP+ 10GBASE-LR; LC connector; 1310nm; 10km
reach on single-mode fiber
EX-SFP-10GE-DAC-
xM
SFP+ 10 Gigabit Ethernet Direct Attach Copper (twinax
copper cable), where “x” denotes 1, 3, 5 or 7 meter
lengths
EX-SFP-10GE-ER
SFP+ 10GBASE-ER 10 Gigabit Ethernet Optics,
1550nm for 40km transmission on single-mode fiber
EX-SFP-10GE-USR
SFP+ 10 Gigabit Ethernet Ultra Short Reach Optics, 850
nm for 10m on OM1, 20m on OM2, 100m on OM3
multimode fiber
EX-XFP-
10GE80KDWDM
XFP 10GBASE DWDM, LC connector, tunable across
C-band 50 GHz channel spacing (compliant with ITU-T
G.698.1); 80km reach on single-mode fiber
EX-SFP-
GE80KCWxxxx
SFP Gigabit Ethernet CWDM, LC connector; xxxx nm
where xxxx represents 1470, 1490, 1510, 1530, 1550,
1570, 1590 or 1610; 80km reach on single-mode fiber
About Juniper Networks
Juniper Networks brings simplicity to networking with
products, solutions and services that connect the world.
Through engineering innovation, we remove the constraints
and complexities of networking in the cloud era to solve the
toughest challenges our customers and partners face daily. At
Juniper Networks, we believe that the network is a resource for
sharing knowledge and human advancement that changes the
world. We are committed to imagining groundbreaking ways to
deliver automated, scalable and secure networks to move at the
speed of business.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com