Electronic Components Datasheet Search
  English  ▼

X  

EX4200 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EX4200
Description  EX4200 ETHERNET SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EX4200 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EX4200 Datasheet HTML 1Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 2Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 3Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 4Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 5Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 6Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 7Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 8Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
EX4200 Ethernet Switch
Each EX4200 switch includes an integrated application-specific
integrated circuit (ASIC)-based Packet Forwarding Engine, the
EX-PFE, while an integrated Routing Engine (RE) delivers all
control plane functionality. Based on field-proven Juniper
Networks technology, the Route Engine brings the same level
of carrier-class performance and reliability to the EX4200 line
of Ethernet switches that Juniper Networks routers bring to the
world’s largest service provider networks.
The EX4200 also leverages the same modular Juniper Networks
Junos OS as Juniper Networks switching, routing, and security
products, ensuring a consistent implementation and operation
of each control plane feature across an entire Juniper Networks
infrastructure.
Architecture and Key Components
The EX4200 switches are single rack-unit devices that deliver
a compact solution for crowded wiring closets and access
switch locations where space and power are at a premium. Each
EX4200 supports optional front-panel uplink modules offering
either four GbE ports or two 10GbE ports for high-speed
backbone or link-aggregation connections between wiring
closets and upstream aggregation switches. Uplink modules can
be installed without powering down the switch, enabling users
to add high-speed connectivity at any time or migrate from one
uplink type to the other to deliver the ultimate in flexible, high-
performance interconnectivity.
The EX4200 also features a front-panel LCD that offers a flexible
interface for performing device bring-up and configuration
rollbacks, reporting switch alarm and LED status, or restoring
the switch to its default settings. The LCD also displays a Virtual
Chassis member switch’s chassis “slot number” and Route Engine
status for rapid identification and problem resolution.
Dual rear-panel Virtual Chassis ports enable EX4200 switches
to be interconnected over the 128 Gbps virtual backplane.
Switches deployed in close proximity, such as wiring closets
or top-of-rack data center applications, can be securely
connected using a Virtual Chassis cable and cable lock
supplied by Juniper Networks.
In addition, a dedicated rear-panel RJ-45 port is available for
out-of-band management, while a rear-panel USB port can be
used to easily upload Junos OS and configuration files.
Virtual Chassis Technology: Chassis-Like
Switch Features in a Stackable Form Factor
Up to 10 EX4200 switches can be interconnected using Virtual
Chassis technology to create a single logical device supporting
up to 480 10/100/1000BASE-T ports or 240 100/1000BASE-X
ports, plus an additional 40 GbE or 20 10GbE uplink ports.
Furthermore, EX4200s can be interconnected in a Virtual
Chassis configuration that also includes EX4500s, creating a
single logical switch that offers a variety of port and density
options for mixed server environments.
Floor N
WAN Edge
EX4200
Virtual Chassis
West Closet
West Closet
West Closet
West Closet
Wiring Closet
EX4200 Virtual Chassis
Floor 1
Aggregation
EX4200 Virtual Chassis
EX4200 Virtual Chassis
SRX Series
M Series
Data Center
Access Layer
EX4200 and EX4500 Virtual Chassis
Core Layer
EX8208
Virtual Chassis
SRX5800
Extend Virtual Private LANs
with MPLS
High Density.
wire-rate 10 Gbps
Virtualized
security
WAN/Internet
Figure 1: The EX4200 Ethernet switch with Virtual Chassis technology delivers a
high-performance, scalable, and highly reliable solution for data center, branch, and
campus environments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com