Electronic Components Datasheet Search
  English  ▼

X  

EX4200 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EX4200
Description  EX4200 ETHERNET SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EX4200 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EX4200 Datasheet HTML 1Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 2Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 3Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 4Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 5Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 6Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 7Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 8Page - List of Unclassifed Manufacturers EX4200 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
EX4200 Ethernet Switch
• Non-Stop Software Upgrade (NSSU): With NSSU, all
members of a Virtual Chassis system can be upgraded
with a single command. Mission-critical traffic can be
configured as a link aggregate across multiple Virtual
Chassis switch members, ensuring minimal disruption
during the upgrade process.
• IPv4 and IPv6 routing support: IPv4 and IPv6 Layer 3
routing (OSPF and PIM) is available in the base license,
enabling highly resilient networks.
Carrier-Class Operating System
The EX4200 runs on Junos OS, the same operating system
software used by Juniper Networks routers to power the world’s
largest and most complex networks.
By utilizing a common operating system, Juniper delivers a
consistent implementation and operation of control-plane
features across all products. To maintain that consistency, Junos
OS adheres to a highly disciplined development process that
utilizes a single source code, follows a single quarterly release
train, and employs a highly available modular architecture that
prevents isolated failures from bringing an entire system down.
These attributes are fundamental to the core value of the
software, enabling all products powered by Junos OS to be
updated simultaneously with the same software release. All
features are fully regression-tested, making each new release a
true superset of the previous version; customers can deploy the
software with complete confidence that all existing capabilities
will be maintained and operate in the same way.
Converged Networks
The EX4200 line of Ethernet switches provide the highest levels
of availability for the most demanding converged data, voice and
video environments, delivering the most reliable platform for
unifying enterprise communications.
By providing Class 3 PoE with 15.4 watts on some or all ports
to power voice over IP (VoIP) telephones, closed-circuit security
cameras, wireless access points, and other IP-enabled devices,
the EX4200 delivers a future-proofed solution for converging
disparate networks onto a single IP infrastructure. Furthermore,
any PoE port can provide up to 18.6 watts to power wireless
access points and other PoE powered devices requiring more
than Class 3, 15.4 watts of PoE. EX4200 PoE+ switches also
support 802.3at standards-based PoE+ for powering networked
devices like multiple radio IEEE 802.11n wireless access points,
and video phones that may require more power than available
with IEEE 802.3af.
LLDP-MED-based granular PoE management allows the
EX4200 to negotiate PoE usage down to a fraction of a watt on
powered devices, enabling more efficient PoE utilization across
the switch.
To ease deployment, the EX4200 supports the industry-
standard Link Layer Discovery Protocol (LLDP) and LLDP-Media
Endpoint Discovery (LLDP-MED), which enable the switches to
automatically discover Ethernet-enabled devices, determine their
power requirements and assign virtual LAN (VLAN) parameters.
In addition, the EX4200 supports rich quality of service (QoS)
functionality for prioritizing data, voice and video traffic. The
switches support eight QoS queues on every port, enabling
them to maintain multi-level, end-to-end traffic prioritizations.
The EX4200 also supports a wide range of policy options,
including priority and shaped deficit weighted round-robin
(SDWRR) queuing.
Security
The EX4200 line of Ethernet switches consolidate all aspects of
a user’s identity, device, and location, enabling administrators to
enforce access control and security down to the individual port
or user levels.
Policy orchestration enables the EX4200 to construct dynamic
ACLs on a port-by-port basis by associating role/resource
access policies with authorization table entries. This allows the
switch to dynamically create thousands of ACLs or role-based
access policies in a scaled environment.
Additionally, a captive portal redirection feature redirects
URLs from the EX4200 to the Infranet Controller (IC) for user
authentication and authorization, making the IC a “single source
of truth” for user and device authentication and for enforcing
role-based security policies.
The EX4200 provides both standards-based 802.1X port-
level access control as well as Layer 2–4 policy enforcement
based on user identity, location and/or device. A user’s
identity, device type, machine posture check and location can
be used to determine whether access should be granted and
for how long. If access is granted, the switch assigns the user
to a specific VLAN based on authorization levels. The switch
can also apply QoS policies or mirror user traffic to a central
location for logging, monitoring or threat detection by intrusion
prevention systems.
The EX4200 also provides a full complement of port security
features including DHCP (Dynamic Host Configuration Protocol)
snooping, DAI (dynamic ARP inspection) and MAC limiting (per
port and per VLAN) to defend against internal and external
spoofing, man-in-the-middle and denial-of-service (DoS) attacks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com