Electronic Components Datasheet Search
  English  ▼

X  

SAM5504B Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # SAM5504B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5504B Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button SAM5504B Datasheet HTML 13Page - List of Unclassifed Manufacturers SAM5504B Datasheet HTML 14Page - List of Unclassifed Manufacturers SAM5504B Datasheet HTML 15Page - List of Unclassifed Manufacturers SAM5504B Datasheet HTML 16Page - List of Unclassifed Manufacturers SAM5504B Datasheet HTML 17Page - List of Unclassifed Manufacturers SAM5504B Datasheet HTML 18Page - List of Unclassifed Manufacturers SAM5504B Datasheet HTML 19Page - List of Unclassifed Manufacturers SAM5504B Datasheet HTML 20Page - List of Unclassifed Manufacturers SAM5504B Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
SAM5504B
SAM5504B.pdf
– Rev 14/05/2018
17
© 2015-2018 Dream S.A.S., France
4.3.4. Host Parallel Interface as primary function
Pin name
Pin#
Type
Mem
Cfg
Description
D0-D1
34,33,
I/O DR8
2
Host parallel interface data. Output if CS/ and RD/ are low
(read from chip), input if CS/ and WR/ are low (write to
chip). Type of data defined by A0 address input.
D2-D7
11,12,
23-26
I/O 5VT
DR12
DAAD2
34
In
2
Stereo audio digital input 2, I2S or MSB format.
DABD4
33
Out DR8
2
Stereo audio digital output 4, I2S or MSB format.
DABD3
11
Out DR12
2
Stereo audio digital output 3, I2S or MSB format.
DABD2
12
Out DR12
2
Stereo audio digital output 2, I2S or MSB format.
XWSBD1
23
In 5VT
2
External word sel. Clock
1 for digital audio inputs
DAAD[7:0].
XCLBD1
24
In 5VT
2
External clock bit 1 for digital audio inputs DAAD[7:0].
XWSBD0
25
In 5VT
2
- External word select clock 0 for digital audio inputs
DAAD[7:0].
- Word Clock input for audio sync. on external clock device.
XCLBD0
26
In 5VT
2
External clock bit for digital audio inputs DAAD[7:0].
P0.0-P0.1
34,33,
I/O DR8
2
General purpose I/O pins. Can be individually programmed
as input or output.
P0.2-P0.7
11,12,
23-26
I/O 5VT
DR12
VIN1-VIN2
34,33
In
2
Analog input 1 and input 2 of embedded ADC.
IRQ
28
Out DR12
2
Host parallel interface mode 0 interrupt request. High when
data is ready to be transferred from chip to host. Reset by a
read from host (CS/=0 and RD/=0).
External 100k max pull-down resistor is needed for safe ROM boot.
SSINT/
28
Out DR12
2
Serial Slave Synchronous Interface data request, active
low.
External 100k max pull-up resistor is needed for safe ROM boot.
P0.8_IntA
28
I/O 5VT
DR12
2
General purpose I/O pin.
External Interrupt source IntA.
A0
29
In 5VT
2
Host parallel interface address 0.
In case A1=0 (mode 0): Indicates data/status or data/ctrl
transfer type (CS/ RD/ low or CS/ WR/ low).
In case A1=1 (mode 1): the A0 input is “don’t care”.
SSCLK
29
In 5VT
2
Serial Slave Synchronous Interface clock input.
P0.10
29
I/O 5VT
DR12
2
General purpose I/O pin.
CS/
50
In 5VT
2
Host parallel interface chip select, active low.
SSYNC
50
In 5VT
2
Serial Slave Synchronous Interface input sync signal.
P0.11
50
I/O 5VT
DR8
2
General purpose I/O pin.
WR/
52
In 5VT
2
Host parallel interface write, active low. D7-D0 data is
sampled by chip on WR/ rising edge if CS/ is low.
SSDIN
52
In 5VT
2
Serial Slave Synchronous Interface input data.
P0.12
52
I/O 5VT
DR8
2
General purpose I/O pin.
RD/
51
In 5VT
2
Host parallel interface read, active low. D7-D0 data is output
when RD/ goes low and CS/ is low.
External 100k max pull-up resistor is needed for safe ROM boot.
MIDI_OUT2
51
Out 5VT
2
Additional Serial MIDI Out (UART Tx)
External 100k max pull-up resistor is needed for safe ROM boot.
P0.13
51
I/O 5VT
DR8
2
General purpose I/O pin.
External 100k max pull-up resistor is needed for safe ROM boot.
If used as input, should not be driven low by external device while
ROM boot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com