Electronic Components Datasheet Search
  English  ▼

X  

FWG Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # FWG
Description  0.5mm pitch/Disconnectable Crimp style connectors/Connector for FPC and FFC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

FWG Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  FWG Datasheet HTML 1Page - JST Mfg. Co., Ltd. FWG Datasheet HTML 2Page - JST Mfg. Co., Ltd. FWG Datasheet HTML 3Page - JST Mfg. Co., Ltd. FWG Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
FWG CONNECTOR
3.2
6
2.1
3.2
6
2.1
∼
∼
30,000
Material and Finish
Contact
Crimping
machine
  ― 
  ― 
―
―
Applicator
Crimp applicator
Dies
―
―
Crimp applicator with dies
2,400
Circuit No.1
4.65
B
1
1
0.5
A
3.95
1
31
RoHS2 compliance
Type A
Contact
Holder housing
RoHS2 compliance
Note: Contact JST for the flammability.
Note: Contact JST for fully automatic crimping applicator.
Type B
Material
JST
4.65
A
3.75
Circuit No.1 mark
Header housing
RoHS2 compliance
Note: Contact JST for the flammability.
A
1.3
B
5
Holder shell
RoHS2 compliance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com