Electronic Components Datasheet Search
  English  ▼

X  

FWG Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # FWG
Description  0.5mm pitch/Disconnectable Crimp style connectors/Connector for FPC and FFC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

FWG Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  FWG Datasheet HTML 1Page - JST Mfg. Co., Ltd. FWG Datasheet HTML 2Page - JST Mfg. Co., Ltd. FWG Datasheet HTML 3Page - JST Mfg. Co., Ltd. FWG Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
±0.05
±0.03
±0.08
±0.05
±0.04
±0.05
±0.03
±0.05
FPC total
L+7×2
Ground tape
±0.03
±0.03
±0.08
±0.05
±0.04
±0.05
±0.03
±0.05
FFC total
L+7×2
JST
JST
1.35
B
A
0.5
B
1.35
C
A
0.5
C
3
FWG CONNECTOR
No. of
circuits
Model No.
Dimensions (mm)
AB
Q’ty/
reel
31
41
51
31FWG-RSM1-GAN-Z-1-TB
41FWG-RSM1-GAN-Z-1-TB
51FWG-RSM1-GAN-Z-1-TB
15.0
20.0
25.0
25.5
30.5
35.5
C
4.0
4.0
5.0
1,400
1,400
1,400
Material and Finish
Base housing: Heat resisting resin, UL94V-0, ivory
Signal contact:
:
, tin-plated (reflow treatment)
Header
FPC lead part
<31 circuits>
Lead section dimensions of FPC/FFC
<41, 51 circuits>
RoHS2 compliance
Note: The product listed above is supplied on embossed-tape.
FFC lead part
Note: 1. The tolerance of FPC/FFC conductor pitch should be ±0.05 mm and non-cumulative.
2. The dimensions above should serve as a guideline. Contact JST for details.
No. of
circuits
Dimensions (mm)
AB
41
51
20.0
25.0
22.0
27.0
24.0
29.0
C
D
20.5
25.5
No. of
circuits
Dimensions (mm)
AB
41
51
20.0
25.0
22.0
27.0
24.0
29.0
C
D
20.0
25.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com