Electronic Components Datasheet Search
  English  ▼

X  

FWG Datasheet(PDF) 4 Page - JST Mfg. Co., Ltd.

Part # FWG
Description  0.5mm pitch/Disconnectable Crimp style connectors/Connector for FPC and FFC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

FWG Datasheet(HTML) 4 Page - JST Mfg. Co., Ltd.

  FWG Datasheet HTML 1Page - JST Mfg. Co., Ltd. FWG Datasheet HTML 2Page - JST Mfg. Co., Ltd. FWG Datasheet HTML 3Page - JST Mfg. Co., Ltd. FWG Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
FWG CONNECTOR
Form: S --- Strip form
Series name
Applicable wire: 003 --- AWG #30
Surface finish: Nickel-undercoated selective gold-plated
Material: P ---Copper alloy
Terminal size
Shape: A --- Type A, B --- Type B
Contact
Series name
Part name: Housing
No. of circuits: 41, 51
Housing type: Holder
Color
・Key pattern No: Z - 1--- Ivory・1, E - 2 --- Blue・2,
L - 3 --- Lemon yellow
・3, MG - 4 --- Moss green・4
Holder housing
Model number identification
No. of circuits: 31
Part name: Socket
Series name
Color
・Key pattern No: Z - 1--- Ivory・1, E - 2 --- Blue・2,
           L - 3 --- Lemon yellow・3, MG - 4 --- Moss green・4
No. of circuits: 41, 51
Series name
Part name: PS2 --- Holder shell
Surface finish: Tin-plated (reflow treatment)
Socket
Holder shell
No. of circuits: 31, 41, 51
Series name
Mating method: R --- Reverse type (Connecting point at bottom side)
Assembly style: S --- Side entry type
Mounting method: M1 --- SMT type
Surface finish: Nickel-undercoated selective gold-plated
Color
・Key pattern No.: Z - 1--- Ivory・1, E - 2 --- Blue・2, L - 3 --- Lemon yellow・3, MG - 4 --- Moss green・4
Packaging style: TB --- Embossed-taping
Header



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com