Electronic Components Datasheet Search
  English  ▼

X  

JIA Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # JIA
Description  Board-to-wire/Sealed connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

JIA Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  JIA Datasheet HTML 1Page - JST Mfg. Co., Ltd. JIA Datasheet HTML 2Page - JST Mfg. Co., Ltd. JIA Datasheet HTML 3Page - JST Mfg. Co., Ltd. JIA Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(75.1)
(36.4)
Retainer
Lever
Wire seal
Inner seal
58
74
162
162
Black
Black
Housing
Color
Q’ty/box
Circuits
Model No.
58JIA-RB-(#)(*)-K
74JIA-RB-(#)(*)-K
Material and Finish
Female housing: Glass-filled PA 66, Black
Hood housing: Glass-filled PA 66, Black
Retainer: Glass-filled PA 66, Natural
Inner seal: Silicone, 58-circuit (Blue), 78-circuit (Green)
Wire seal: Silicone, 58-circuit (Blue), 78-circuit (Green)
Lever: Glass-filled PA 66, Black
(#): The specifications of keycode.
(*): The specifications of lever type and direction.
2
JIA CONNECTOR
Female terminal
Female connector
10,000
5,000
Q’ty/reel
0.63
1.5
Terminal
Applicable wire range
Insulation O.D.
(mm)
Model No.
SJIA-A021T-M063
SNACM-A041T-M1.5
Conductor
(mm2)
0.3 to 0.5
0.75 to 1.25
1.5 to 1.7
1.8 to 2.1
Material and Finish
Copper alloy, tin-plated (reflow treatment)
13.2
6
18
8.4
¡0.63 mm Female terminal
¡58JIA-RB-(#)(*)-K
¡74JIA-RB-(#)(*)-K
¡1.5 mm Female terminal
(70.5)
(36.9)
Wire Seal
Hood Housing
Hood Housing
Lever
Retainer
Female Housing
Inner Seal
Female Housing
Pre-lock position
Pre-lock position
Pre-lock position
(63.5)
(36.4)
Lever
Female Housing
Retainer
Hood Housing
Wire Seal
Inner Seal



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com