Electronic Components Datasheet Search
  English  ▼

X  

JIA Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # JIA
Description  Board-to-wire/Sealed connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

JIA Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  JIA Datasheet HTML 1Page - JST Mfg. Co., Ltd. JIA Datasheet HTML 2Page - JST Mfg. Co., Ltd. JIA Datasheet HTML 3Page - JST Mfg. Co., Ltd. JIA Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
0.63 mm/1.5 mm Sealed hybrid type Connector
●Water / Dust protection
Mat seal is adopted for improving the workability of
harness assembling.
●Side type Terminal Position Assurance (TPA)
●Mechanical Assist Lever
The lever mechanism is adopted to decrease the
insertion force in mating male and female.
●Variation
Various key code and wire cover can be selected.
¡Current rating:
0.63 mm Terminal (0.63t) / 5 A max. (0.5 mm
2, Single circuit)
1.5 mm Terminal (0.6t) / 15 A max. (1.25 mm
2, Single circuit)
¡Voltage rating: 14 V DC
¡Temperature range: - 40°C to +120°C
(including temperature rise in applying
electrical current)
¡Contact resistance:
0.63 mm Terminal; Initial value/ 10 mΩ max.
After environmental tests/ 20 mΩ max
1.5 mm Terminal; Initial value/ 5 mΩ max.
After environmental tests/ 10 mΩ max
¡Insulation resistance: 100 MΩ min.
¡Withstanding voltage: 1,000 VAC/minute
¡Applicable wire: AESSX (f)
0.63 mm Terminal; 0.3 mm
2 to 0.5 mm2
1.5 mm Terminal; 0.75 mm
2 to 1.25 mm2
Features
∗ Compliant with ELV/RoHS.
∗ Contact JST for details.
Specifications
JIACONNECTOR
Board-to-wire/Sealed connector
Board-to-wire/Sealed connector


Similar Description - JIA

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87942-7001 MOLEX-87942-7001 Datasheet
168Kb / 2P
Wire-to-Board Connector
0493470411 MOLEX6-0493470411 Datasheet
113Kb / 2P
1.52mm (.060") Pitch, Sealed Wire-to-Board Housing, Female, 4 Circuits
logo
Tyco Electronics
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
Wire-to-Board, Wire-to-Panel and Wire-to-Wire
logo
Molex Electronics Ltd.
51144-1000 MOLEX-51144-1000 Datasheet
125Kb / 2P
3.96 WIRE TO BOARD CONNECTOR HOUSING
logo
DB Lectro Inc
420 DBLECTRO-420 Datasheet
307Kb / 1P
420 LED wire-to-board connector
logo
Harwin Plc
M40-1200500 HARWIN-M40-1200500 Datasheet
84Kb / 1P
1.00mm PITCH WIRE TO BOARD CONNECTOR
logo
JST Mfg. Co., Ltd.
SISC JST-SISC Datasheet
269Kb / 3P
Wire-to-wire/Sealed connector
TCUD JST-TCUD Datasheet
340Kb / 3P
Board-to-wire
MWT JST-MWT Datasheet
444Kb / 4P
Wire-to-wire/Sealed connector
ATLC JST-ATLC Datasheet
125Kb / 2P
Board to wire
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com