Electronic Components Datasheet Search
  English  ▼

X  

JIA Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # JIA
Description  Board-to-wire/Sealed connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

JIA Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  JIA Datasheet HTML 1Page - JST Mfg. Co., Ltd. JIA Datasheet HTML 2Page - JST Mfg. Co., Ltd. JIA Datasheet HTML 3Page - JST Mfg. Co., Ltd. JIA Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
JIA CONNECTOR
Wire cover
Material and Finish
Glass-filled PBT, Black
(67.4)
(40.4)
(46.1)
(35.9)
(46.1)
(48.9)
(76.6)
(73.8)
(67.4)
(49.9)
¡JIAHC-58H-1A-K
¡JIAHC-74H-1A-K
¡JIAHC-58H-3A-K
¡JIAHC-74H-2A-K
¡JIAHC-74H-3A-K
¡0.5 mm2 Female dummy plug
¡0.75 to 1.25 mm2 Female dummy plug
58
74
400
250
300
150
150
Q’ty/box
Circuits
Model No.
JIAHC-58H-1A-K
JIAHC-58H-3A-K
JIAHC-74H-1A-K
JIAHC-74H-2A-K
JIAHC-74H-3A-K
JIAHC-74H-1A-K
JIAHC-74H-2A-K
JIAHC-74H-3A-K
JIAHC-58H-1A-K
JIAHC-58H-3A-K
74JIA-RB-1(*)-K
74JIA-RB-2(H/L)-K
74JIA-RB-2(*)-K
(*Excluded H/L)
58JIA-RB-(#)(*)-K
Wire Cover
Female Connector
Female dummy plug
15.2
15.2
0.5 mm
2
0.75 to 1.25 mm
2
Gray
Green
Black
Yellow
126,000
126,000
126,000
126,000
Applicable Wire
Model No.
Q’ty/reel
Color
JIADP-H-1A-H
JIADP-H-1A-M
JIADP-H-3A-K
JIADP-H-3A-Y
PBT
Material and Finish
* Contact JST for details.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com