Electronic Components Datasheet Search
  English  ▼

X  

PSI Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # PSI
Description  8.0mm pitch (Pin-omitted)/Disconnectable Crimp style connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PSI Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  PSI Datasheet HTML 1Page - JST Mfg. Co., Ltd. PSI Datasheet HTML 2Page - JST Mfg. Co., Ltd. PSI Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
PSI CONNECTOR (High Current Specification/D Type)
Socket contact
12.7
8
φ1.1
□1.14
9.1
4.5
1.65
8
3
D
PSIP-03V-K-D
300
No. of
circuits
Keying
Model No.
Q ty/box
Material
Glass-filled PBT, UL94V-0, black
RoHS compliance
Header
No.2 pin
omitted
B2(8.0)B-PSIK-NC-D1
RoHS compliance This product displays (LF)(SN) on a label.
11.3
4
6.5
2.2
Socket contact
Model No.
Applicable wire
mm2
AWG#
Insulation O.D. (mm) Q'ty/reel
SPSI-41T-M1.1
0.5 ∼1.25
20∼16
1.7∼3.2
2,600
Material and Finish
Copper alloy, tin-plated
Contact
Crimping
machine
MKS-L
  ―  
MK/SPSI/M-41-11
―
Applicator
Crimp applicator
Dies
APLMK SPSI/M41-11
―
Crimp applicator with dies
SPSI-41T-M1.1
AP-K2N
RoHS compliance
Note: Contact JST for fully automatic crimping applicator.
<3-circuit without the 2nd pin>



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com