Electronic Components Datasheet Search
  English  ▼

X  

PSI Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # PSI
Description  8.0mm pitch (Pin-omitted)/Disconnectable Crimp style connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PSI Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  PSI Datasheet HTML 1Page - JST Mfg. Co., Ltd. PSI Datasheet HTML 2Page - JST Mfg. Co., Ltd. PSI Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications –––––––––––––––––––
• Current rating: 15 A AC, DC (3-circuit without the 2nd pin)
• Voltage rating: 600 V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 10 mΩ max.
After environmental tests/ 20 mΩ max.
• Insulation resistance: 1,000 MΩ min.
• Withstanding voltage: 1,500 VAC/minute
• Applicable wire: AWG #16
Do not branch in parallel current which exceeds the rated current (more than
15 A with AWG #16). If branched in parallel, current imbalance or other problems
may develop. If it is absolutely necessary to branch such a large current in parallel,
design the circuits without causing any imbalance and provide an extra margin for
each circuit.
* In using the products, refer to "Handling Precaution for Terminal
and Connector" described on our website (Technical documents
of Product information page).
* Contact JST for details.
* Compliant with RoHS.
Standards ––––––––––––––––––––––
0 Recognized E 60389
1CertifiedLR20812
2R50259465
1
Note: 1. The above figure is the figure viewed from the connector mounting side.
2. Tolerances are non-cumulative: ±0.05 mm for all centers.
3. Hole dimensions differ according to the type of PC board and piercing method. The dimensions above should serve as a guideline. Contact JST for details.
PSICONNECTOR
8.0mm pitch (Pin-omitted)/Disconnectable Crimp style connectors
(High Current Specification D Type)
This is a board-to-wire connector.
Low insertion force type contact is adopted
and it provides excellent operability.
This connector has the secure locking device
that has the mechanism for preventing the
inverse insertion.
The connector suitable for the large electric
current was realized by using highly-
conducting material.
By adopting key shape and multi colors of
housing, prevention function of mis-mating
with conventional PSI connector is
considered.
• Secure lock device
• Mis-mating prevention mechanism by keying
(Prevention of mis-mating with conventional
PSI connector)
• Finger-friendly design
• Large electric current was realized.
PC board layout and Assembly layout
10
±0.05
±0.05
8
1.65
0.1
0
0.1
0
φ1.3
φ1.65


Similar Part No. - PSI

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
PSI KOA-PSI Datasheet
384Kb / 2P
chip type power shunt resistor
logo
JST Mfg. Co., Ltd.
PSI JST-PSI Datasheet
163Kb / 5P
4.0mm pitch/Disconnectable Crimp style connectors
logo
Jonard Tools.
PSI-15 JONARD-PSI-15 Datasheet
440Kb / 1P
Protection Sleeve Insertion Tool
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
0.3 psi to 15 psi Pressure Sensors
Rev A
PSI-D-4V-PRIME ASC-PSI-D-4V-PRIME Datasheet
63Kb / 4P
Industrial Temperature Grade with Voltage Reference
082302
More results

Similar Description - PSI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
Disconnectable Crimp style connectors
S4B-PH-SM4-TB ETC2-S4B-PH-SM4-TB Datasheet
302Kb / 3P
Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
Disconnectable Crimp style connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com