Electronic Components Datasheet Search
  English  ▼

X  

PSI Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # PSI
Description  8.0mm pitch (Pin-omitted)/Disconnectable Crimp style connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PSI Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  PSI Datasheet HTML 1Page - JST Mfg. Co., Ltd. PSI Datasheet HTML 2Page - JST Mfg. Co., Ltd. PSI Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
PSI CONNECTOR (High Current Specification/D Type)
2
31
31
Black
D type
Shape
PSIP-03V-K-D
Socket housing
3-circuit
Model
No.
Mating part
Black
D type
Shape
B2(8.0)B-PSIK-NC-D1
Model
No.
Mating part
Header
3-circuit
w/o 2nd pin
Pin-omitted Header
Contact position location numbers
Socket housing
Header
Form: S --- Strip form
Series name
Applicable wire: 41 --- AWG #20 to #16
Surface finish: T --- Tin-plated
Material: M --- Copper alloy
Terminal size
Model unmber identification
Socket contact
Assembly style: B --- Top entry type
No. of circuits: 2
Pin-omitted state: 3-circuit without the 2nd pin (8.0 mm pitch)
Part name
Series name
Color indication: K --- Black
Indication of material: N --- PA 66
Indication of post material: C --- Copper
Indication of keying code: D --- D type (Black)
Boss presence/absence: 1 --- With boss
Header
Series name
Part name: P --- Socket housing
No. of circuits: 3
Flammability: V --- UL94V-0
Color indication: K --- Black
Indication of keying code: D --- D type (Black)
Socket housing
Single
<3-circuit>
Single
<3-circuit without the 2nd pin>



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com