Electronic Components Datasheet Search
  English  ▼

X  

ATECC608A Datasheet(PDF) 8 Page - Microchip Technology

Part # ATECC608A
Description  Microchip CryptoAuthentication??Device
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608A Datasheet(HTML) 8 Page - Microchip Technology

Back Button ATECC608A Datasheet HTML 4Page - Microchip Technology ATECC608A Datasheet HTML 5Page - Microchip Technology ATECC608A Datasheet HTML 6Page - Microchip Technology ATECC608A Datasheet HTML 7Page - Microchip Technology ATECC608A Datasheet HTML 8Page - Microchip Technology ATECC608A Datasheet HTML 9Page - Microchip Technology ATECC608A Datasheet HTML 10Page - Microchip Technology ATECC608A Datasheet HTML 11Page - Microchip Technology ATECC608A Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Table 2-2. AC Parameters: All I/O Interfaces
Parameter
Symbol
Direction
Min
Typ
Max Unit Conditions
Power-Up
Delay(2)
tPU
To Crypto
Authentication
100
—
—
µs
Minimum time between VCC > VCC min
prior to measurement of tWLO.
Wake Low
Duration
tWLO
To Crypto
Authentication
60
—
—
µs
Wake High Delay
to Data Comm.
tWHI
To Crypto
Authentication
1500
—
—
µs
SDA should be stable high for this entire
duration.
High Side Glitch
Filter at Active
tHIGNOR
E_A
To Crypto
Authentication
45(1)
—
—
ns
Pulses shorter than this in width will be
ignored by the device, regardless of its
state when active.
Low Side Glitch
Filter at Active
tLIGNORE
_A
To Crypto
Authentication
45(1)
—
—
ns
Pulses shorter than this in width will be
ignored by the device, regardless of its
state when active.
Low Side Glitch
Filter at Sleep
tLIGNORE
_S
To Crypto
Authentication
15(1)
—
—
µs
Pulses shorter than this in width will be
ignored by the device when in sleep mode.
Watchdog
Timeout
tWATCHD
OG
To Crypto
Authentication
0.7
1.3
1.7
s
Time from wake until device is forced into
sleep mode if Config.ChipMode.Bit2 is 0.
7.6
13
17
s
Watchdog time : Config.ChipMode.Bit2 is 0.
Note: 
1.
These parameters are guaranteed through characterization, but not tested.
2.
The power-up delay will be significantly longer if Power-On self test is enabled in the configuration
zone.
2.3.1
AC Parameters: Single-Wire Interface
Figure 2-2. AC Timing Diagram: Single-Wire Interface
t
START
t
ZHI
t
ZLO
Logic Ø
t
START
t
BIT
Logic 1
t
START
t
TURNAROUND
t
START
SDA
Table 2-3. AC Parameters: Single-Wire Interface
Unless otherwise specified, applicable from TA = -40°C to +85°C, VCC = +2.0V to +5.5V, CL = 100 pF.
ATECC608A
Electrical Characteristics
© 2017 Microchip Technology Inc.
Datasheet Summary
DS40001977A-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com