Electronic Components Datasheet Search
  English  ▼

X  

ATECC608A Datasheet(PDF) 11 Page - Microchip Technology

Part # ATECC608A
Description  Microchip CryptoAuthentication??Device
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608A Datasheet(HTML) 11 Page - Microchip Technology

Back Button ATECC608A Datasheet HTML 7Page - Microchip Technology ATECC608A Datasheet HTML 8Page - Microchip Technology ATECC608A Datasheet HTML 9Page - Microchip Technology ATECC608A Datasheet HTML 10Page - Microchip Technology ATECC608A Datasheet HTML 11Page - Microchip Technology ATECC608A Datasheet HTML 12Page - Microchip Technology ATECC608A Datasheet HTML 13Page - Microchip Technology ATECC608A Datasheet HTML 14Page - Microchip Technology ATECC608A Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
2.4
DC Parameters: All I/O Interfaces
Table 2-5. DC Parameters on All I/O Interfaces
Parameter
Symbol Min.
Typ.
Max.
Unit
Conditions
Ambient Operating
Temperature
TA
-40
—
+85
°C
Power Supply
Voltage
VCC
2.0
—
5.5
V
Active Power
Supply Current
ICC
—
2
3
mA
Waiting for I/O during I/O transfers or execution of non-
ECC commands. Independent of Clock Divider value.
—
—
14
mA
During ECC command execution. Clock divider = 0x0
—
—
6
mA
During ECC command execution. Clock divider = 0x5
—
—
3
mA
During ECC command execution. Clock divider = 0xD
Idle Power Supply
Current
IIDLE
—
800
—
µA
When device is in idle mode,
VSDA and VSCL < 0.4V or > VCC – 0.4
Sleep Current
ISLEEP
—
30
150
nA
When device is in sleep mode, VCC ≤ 3.6V,
VSDA and VSCL < 0.4V or > VCC – 0.4, TA ≤ 55°C
—
—
2
µA
When device is in sleep mode.
Output Low
Voltage
VOL
—
—
0.4
V
When device is in active mode,
VCC = 2.5 to 5.5V
Output Low
Current
IOL
—
—
4
mA
When device is in active mode,
VCC = 2.5 to 5.5V, VOL = 0.4V
Theta JA
ƟJA
—
166
—
°C/W
SOIC (SSH)
—
173
—
°C/W
UDFN (MAH)
—
146
—
°C/W
RBH
2.4.1
VIH and VIL Specifications
The input levels of the device will vary dependent on the mode and voltage of the device. The input
voltage thresholds when in Sleep or Idle mode are dependent on the VCC level as shown in Figure 2-4.
When in sleep or idle mode the TTLenable bit has no effect.
When the device is active (i.e., not in Sleep or Idle mode), the input voltage thresholds are different
depending upon the state of TTLenable (bit 1) within the ChipMode byte in the Configuration zone of the
EEPROM. If the voltage supplied to the VCC pin of the ATECC608A is different than the system voltage to
which the input pull-up resistor is connected, then the system designer may choose to set TTLenable to
zero, which enables a fixed input threshold by curves in VIL_ACT and VIH_ACT in Figure 2-4. Table 2-6,
which applies only when the device is active, presents the guaranteed levels of operation when operating
in this mode:
ATECC608A
Electrical Characteristics
© 2017 Microchip Technology Inc.
Datasheet Summary
DS40001977A-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com